Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3090-98F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA3090-98F
Description  81-86GHz Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3090-98F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA3090-98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3090-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
81-86GHz Medium Power Amplifier
CHA3090-98F
Ref. : DSCHA30903245 - 02 Sep 13
5/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on wafer Measurements
Tamb.= +25°C, Vd = Dc = 3.5V, Id (quiescent) = 280mA
Gain & output power versus input power
Power detection versus output power
Differential voltage
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input power (dBm)
Power at 81GHz
Gain at 81GHz
Power at 86GHz
Gain at 86GHz
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-2
0
2
4
6
8
10
12
14
16
18
20
Output power (dBm)
81GHz
86GHz


Similar Part No. - CHA3090-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3091A UMS-CHA3091A Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHA3092 UMS-CHA3092 Datasheet
112Kb / 7P
   20-33GHz Medium Power Amplifier
CHA3092 UMS-CHA3092 Datasheet
115Kb / 6P
   20-33GHz Medium Power Amplifier
CHA3092-99F/00 UMS-CHA3092-99F/00 Datasheet
112Kb / 7P
   20-33GHz Medium Power Amplifier
CHA3092RBF UMS-CHA3092RBF Datasheet
188Kb / 8P
   20-33GHz Medium Power Amplifier
More results

Similar Description - CHA3090-98F_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP8602 IDT-EXP8602 Datasheet
541Kb / 2P
   81GHz ??86GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317_11 Datasheet
472Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
United Monolithic Semic...
CHA2080-98F UMS-CHA2080-98F_15 Datasheet
411Kb / 12P
   71-86GHz Low Noise Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com