Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6346XR39-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6346XR39-T
Description  3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6346XR39-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6346XR39-T Datasheet HTML 1Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 2Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 3Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 4Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 5Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 6Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 7Page - Maxim Integrated Products MAX6346XR39-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PIN
3-Pin, Ultra-Low-Power SC70/SOT
µP Reset Circuits
_______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
0
-20
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.3V
VCC = 5V
VCC = 1.2V
0
50
100
150
200
-40
0
-20
20
40
60
80
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VOD = 200mV
VOD = 10mV
VOD = 100mV
VOD = 20mV
130
150
140
160
170
180
190
200
210
-40
0
-20
20
40
60
80
POWER-UP RESET TIMEOUT
vs. TEMPERATURE
TEMPERATURE (°C)
500
0
1
100
1000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE (SC70)
100
300
400
200
RESET THRESHOLD OVERDRIVE,
VTH - VCC (mV)
10
______________________________________________________________Pin Description
FUNCTION
1
1
Ground
2
Active-Low Reset Output. RESET remains low while VCC is below the reset
threshold and for at least 100ms after VCC rises above the reset threshold.
RESET is open-drain on the MAX6328/MAX6348 and push-pull on the
MAX6326/MAX6346.
2
Active-High Reset Output. RESET remains high while VCC is below the reset
threshold and for at least 100ms after VCC rises above the reset threshold.
3
3
Supply Voltage
NAME
GND
RESET
RESET
VCC
MAX6327
MAX6347
MAX6326/MAX6346
MAX6328/MAX6348
PIN


Similar Part No. - MAX6346XR39-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6346 MAXIM-MAX6346 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6346 PHILIPS-MAX6346 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6346-44D PHILIPS-MAX6346-44D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6346-44W PHILIPS-MAX6346-44W Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6346-46D PHILIPS-MAX6346-46D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results

Similar Description - MAX6346XR39-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com