Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC4XRGBCT Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC4XRGBCT
Description  High luminous Intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC4XRGBCT Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC4XRGBCT Datasheet HTML 1Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 2Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 3Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 4Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 5Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 6Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 7Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 8Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
Items
Symbol
Absolute maximum Rating
Unit
Red
Green/Blue
Power Dissipation
PD
80
100
mW
Forward Current(DC)
IF
30
25
mA
Peak Forward Current*
IFP
100
80
mA
Operation Temperature
Topr
-30~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering temperature
Tsld
Reflow soldering :260℃ for 10 sec.
Hand soldering :350℃ for 3 sec.
*Pulse width≦0.1msec duty≦1/10
Typical Electrical & Optical Characteristics
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward
Voltage
Red
VF
IF = 20mA
1.8-2.5
V
Green
IF = 15mA
2.8-3.5
Blue
IF = 10mA
2.8-3.5
Dominant
Wavelength
Red
WD
IF = 20mA
620
---
630
nm
Green
IF = 15mA
520
---
530
Blue
IF = 10mA
465
---
475
Luminous
Intensity
Red
IV
IF = 20mA
---
200
---
mcd
Green
IF = 15mA
---
560
---
Blue
IF = 10mA
---
110
---
Reverse
Current
Red/Green/Blue
IR
VR =5V*3
---
---
1/1/1
μΑ
50% Power Angle
2θ½
IF = 20mA*3
---
120
---
Deg
Technical Data Sheet
Top View LED
Hebei I.T. (Shanghai) Co., Lt
Part No: PLCC4XRGBCT
d.
www.ledz.com
Page 3 of 10


Similar Part No. - PLCC4XRGBCT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLCC44AG ADAM-TECH-PLCC44AG Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC44AGSMT ADAM-TECH-PLCC44AGSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC44AT ADAM-TECH-PLCC44AT Datasheet
120Kb / 1P
   PLCC SOCKETS
PLCC44ATSMT ADAM-TECH-PLCC44ATSMT Datasheet
120Kb / 1P
   PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
logo
List of Unclassifed Man...
PLCC44GN ETC1-PLCC44GN Datasheet
48Kb / 1P
   PLASTIC LEADED CHIP CARRIER
More results

Similar Description - PLCC4XRGBCT

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
   High luminous intensity output
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
Everlight Electronics C...
EALP05OLABA0 EVERLIGHT-EALP05OLABA0 Datasheet
459Kb / 9P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com