Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC6MW3C-3C Datasheet(PDF) 8 Page - HB Electronic Components

Part # PLCC6MW3C-3C
Description  Device Outline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6MW3C-3C Datasheet(HTML) 8 Page - HB Electronic Components

  PLCC6MW3C-3C Datasheet HTML 1Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 2Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 3Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 4Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 5Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 6Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 7Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 8Page - HB Electronic Components PLCC6MW3C-3C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7、Typical electrical/optical characteristic curves/光电特性曲线:
Fig1 正向电流VS正向电压
0
10
20
30
40
50
2.0 2.4 2.8 3.2
Fig2 相对亮度VS正向电流
0
0.5
1.0
1.5
2.0
2.5
010
20
30
40
50
Fig3 正向电流VS环境温度
0
10
20
30
40
50
0
20
40
60
80
100
Forward Voltage(V)
IF-Forward Current(mA)
Ambient Temperature TA(
Fig4 相对亮度VS环境温度
0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
Ambient Temperature TA(
80 90
W/W/W
3.4 3.6
W/W/W
W/W/W
W/W/W
0.8
0.6
0.2
0.4
600
500 550
450
400
Wavelength λ(nm)
0.0
350
1.0
650
850
800
750
700
Standard Eye
Response Cruve
Warm
White
1.0
0.8
0.5
0
SPATIAL DISTRIBUTION
0.1
0.2
0.3
0.4
0.6
0.7
0.9
型号:PLCC6 M W3C-3C
SMD SPECIFICATION
Hebei IT. (Shanghai) Co., Ltd.
Http:// www.ledz.com
Page 8 of 9


Similar Part No. - PLCC6MW3C-3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC6MW3C HB-PLCC6MW3C Datasheet
203Kb / 6P
   SMD LED
More results

Similar Description - PLCC6MW3C-3C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HUUV-5102L ROITHNER-HUUV-5102L Datasheet
54Kb / 1P
   device outline
HUWH-5101L ROITHNER-HUWH-5101L Datasheet
131Kb / 1P
   device outline
logo
HB Electronic Component...
PLCC2835-W6-1W HB-PLCC2835-W6-1W Datasheet
1,017Kb / 7P
   Device Outline
PLCC3014-W3-U HB-PLCC3014-W3-U Datasheet
781Kb / 11P
   Device Outline
logo
Roithner LaserTechnik G...
HUWH-3101L ROITHNER-HUWH-3101L Datasheet
131Kb / 1P
   device outline
logo
HB Electronic Component...
PLCC6MW6C-3C HB-PLCC6MW6C-3C Datasheet
1Mb / 8P
   Device Outline
PLCC2LW6CT HB-PLCC2LW6CT Datasheet
2Mb / 12P
   Device Outline
logo
Advanced Power Electron...
AP2310CGN-HF A-POWER-AP2310CGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2331GN-HF A-POWER-AP2331GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2310GN-HF A-POWER-AP2310GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com