Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP65-03 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BAP65-03
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP65-03 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP65-03_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP65-03_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 May 11
4
Philips Semiconductors
Product specification
Silicon PIN diode
BAP65-03
GRAPHICAL DATA
handbook, halfpage
10
1
10−1
MLD503
10−1
1
IF (mA)
rD
(
Ω)
10
102
Fig.2
Forward resistance as a function of forward
current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
020
1000
0
200
400
600
800
4
Cd
(fF)
VR (V)
812
16
MLD504
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
0
1000
(1)
(2)
(3)
(4)
(5)
2000
f (MHz)
3000
0
−0.5
−0.1
−0.2
−0.3
−0.4
MLD505
s21
2
(
dB)
Fig.4
Insertion loss (
|s21|2) of the diode as a
function of frequency; typical values.
Diode inserted in series with a 50
Ω stripline circuit and biased
via the analyzer Tee network; Tamb =25 °C.
(1) IF = 0.5 mA.
(2) IF = 1 mA.
(3) IF = 5 mA.
(4) IF =10mA.
(5) IF = 100 mA.
handbook, halfpage
0
1000
2000
f (MHz)
3000
0
−10
−30
−40
−20
MLD506
s21
2
(
dB)
Fig.5
Isolation (
|s21|2) of the diode as a function of
frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.


Similar Part No. - BAP65-03_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP65-03 PHILIPS-BAP65-03_15 Datasheet
208Kb / 8P
   Silicon PIN diode
2004 Feb 11
More results

Similar Description - BAP65-03_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com