Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC3014-W3-U Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC3014-W3-U
Description  Device Outline
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC3014-W3-U Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC3014-W3-U Datasheet HTML 3Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 4Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 5Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 6Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 7Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 8Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 9Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 10Page - HB Electronic Components PLCC3014-W3-U Datasheet HTML 11Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Part No./型号
SMD SPECIFICATION
Page 9 of 11
Thermal design of the end applications are of paramount importance. Please consider the
heat generation of the LED when making the system design. It is necessary to avoid intense heat
generation and operate within the maximum ratings given in this specification.
应用产品的热学设计是至关重要的。在做系统设计时,请考虑LED的散热,避免热量
的积累,必须严格的在允许的温度范围内使用。
9.1.Soldering/ 焊接
9.2 Lead Solder/
回流焊接
9.3
Notes for reflow soldering/回流焊注意事项:
1. Baking process should be performed by using more than 24hours baking at 60±5℃
before using LEDs./ 在使用前LED必须在60±5℃中烘烤至少24小时。
2. Please choose the right nozzle to avoid the damage to products due to the pressure./请
选择合适的吸嘴大小和压力,以避免对产品产生不良隐患。
3. No more than twice for reflow soldering./回流焊不可超过两次。
9.4 Hand Soldering
(Not Recommended)/手工焊接(不推荐)
Soldering iron/烙铁焊接:260 degrees C max/不超过260℃;3 seconds max/不超过3s;
once/允许1次.
9.5 Cleaning/ 清洗
:PLCC3014-W3-U
Hebei I.T. (Shanghai) Co., Ltd


Similar Part No. - PLCC3014-W3-U

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results

Similar Description - PLCC3014-W3-U

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HUUV-5102L ROITHNER-HUUV-5102L Datasheet
54Kb / 1P
   device outline
HUWH-5101L ROITHNER-HUWH-5101L Datasheet
131Kb / 1P
   device outline
logo
HB Electronic Component...
PLCC2835-W6-1W HB-PLCC2835-W6-1W Datasheet
1,017Kb / 7P
   Device Outline
logo
Roithner LaserTechnik G...
HUWH-3101L ROITHNER-HUWH-3101L Datasheet
131Kb / 1P
   device outline
logo
HB Electronic Component...
PLCC6MW3C-3C HB-PLCC6MW3C-3C Datasheet
1Mb / 9P
   Device Outline
PLCC6MW6C-3C HB-PLCC6MW6C-3C Datasheet
1Mb / 8P
   Device Outline
PLCC2LW6CT HB-PLCC2LW6CT Datasheet
2Mb / 12P
   Device Outline
logo
Advanced Power Electron...
AP2310CGN-HF A-POWER-AP2310CGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2331GN-HF A-POWER-AP2331GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2310GN-HF A-POWER-AP2310GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com