Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3656-QAG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA3656-QAG
Description  5.8-17GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3656-QAG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA3656-QAG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3656-QAG_15 Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CHA3656-QAG
5.8-17GHz Low Noise Amplifier
Ref. : DSCHA3656-QAG3156 - 05 Jun 13
6/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +3.0V, Id = 68mA, P1 = N2 = GND
Measurement in the package access planes
Output power at 1dB compression versus frequency & Vd
Drain current versus Vd
0
2
4
6
8
10
12
14
16
18
20
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
2.5 V
3 V
3.5 V
4 V
0.05
0.055
0.06
0.065
0.07
0.075
0.08
0.085
0.09
2.5
3
3.5
4
Drain voltage (V)


Similar Part No. - CHA3656-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3660-QQG UMS-CHA3660-QQG Datasheet
716Kb / 16P
   21-27.5GHz Medium Power Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3665-QAG UMS-CHA3665-QAG Datasheet
580Kb / 12P
   5-21GHz Driver Amplifier
More results

Similar Description - CHA3656-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
   5.8-16GHz Low Noise Amplifier
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com