Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3665-QAG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA3665-QAG
Description  5-21GHz Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3665-QAG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3665-QAG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3665-QAG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CHA3665-QAG
5-21GHz Driver Amplifier
Ref. : DSCHA3665-QAG2258 - 14 Sep 12
4/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Package Sij parameters
Tamb.= +25°C, Vd = +5V, Id = 120mA
Freq
(GHz)
S11
(dB)
PhS11
(°)
S12
(dB)
PhS12
(°)
S21
(dB)
PhS21
(°)
S22
(dB)
PhS22
(°)
1
0.0
-37.5
-65.4
93.7
-39.0
165.1
-0.1
-31.1
2
-0.1
-79.3
-65.8
135.7
-31.9
-53.5
-0.2
-64.7
3
-1.9
-138.9
-52.1
94.9
-1.2
-108.9
-1.3
-106.0
4
-13.1
153.7
-41.7
65.8
13.3
114.1
-5.4
-151.3
5
-30.2
77.2
-37.7
-13.0
16.5
7.1
-14.2
178.5
6
-14.8
-20.8
-37.3
-71.7
17.2
-74.2
-24.3
-111.7
7
-9.8
-68.0
-38.1
-121.2
17.0
-140.4
-15.6
-96.2
8
-9.3
-109.4
-37.9
-165.4
16.8
162.3
-13.1
-119.4
9
-12.3
-155.3
-38.2
151.2
16.7
108.7
-12.7
-142.6
10
-21.4
119.1
-37.9
105.3
16.4
56.6
-13.5
-163.2
11
-13.9
-7.9
-39.2
65.9
15.9
6.9
-13.5
-177.4
12
-9.3
-55.2
-41.0
27.4
15.2
-40.5
-13.3
151.9
13
-7.4
-90.7
-41.9
0.4
14.6
-85.0
-13.2
115.2
14
-7.0
-124.1
-44.1
-30.3
14.2
-128.6
-12.6
72.9
15
-7.8
-158.0
-45.2
-59.9
14.1
-172.4
-11.7
34.5
16
-10.2
164.3
-45.5
-91.7
14.0
143.0
-10.4
-0.6
17
-14.9
119.7
-46.8
-133.5
14.2
96.1
-9.9
-32.4
18
-25.9
25.4
-43.7
-163.7
14.4
47.1
-9.1
-62.1
19
-19.8
-127.4
-42.3
154.6
14.6
-5.0
-8.9
-94.7
20
-14.6
156.5
-39.5
109.2
14.8
-59.3
-9.2
-126.0
21
-11.8
70.6
-37.4
56.3
15.5
-120.0
-9.2
-158.6
22
-8.9
-31.3
-37.6
-2.7
16.0
166.6
-9.6
155.8
23
-7.1
-163.9
-40.1
-95.5
14.1
75.3
-10.5
89.3
24
-4.5
72.5
-45.4
132.9
8.0
-13.1
-9.9
13.5
25
-2.3
-5.0
-54.2
125.4
-0.2
-87.2
-6.6
-42.0
26
-1.4
-56.0
-40.4
84.2
-9.2
-149.4
-3.8
-82.6
27
-0.9
-91.1
-42.1
37.8
-18.6
158.2
-2.2
-114.4
28
-0.7
-118.5
-42.3
31.3
-26.8
109.6
-1.2
-138.2
29
-0.6
-139.9
-40.7
31.6
-32.5
63.0
-0.7
-156.8
30
-0.3
-158.8
-37.7
5.0
-34.7
16.6
-0.4
-171.3


Similar Part No. - CHA3665-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3660-QQG UMS-CHA3660-QQG Datasheet
716Kb / 16P
   21-27.5GHz Medium Power Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
More results

Similar Description - CHA3665-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3664-QAG UMS-CHA3664-QAG_15 Datasheet
670Kb / 12P
   5-21GHz Driver Amplifier
CHA3565-QAG UMS-CHA3565-QAG_15 Datasheet
456Kb / 14P
   5-21GHz Driver Amplifier
CHA3664-QAG UMS-CHA3664-QAG Datasheet
317Kb / 8P
   5-21GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD169P4 MMIC-CMD169P4 Datasheet
231Kb / 9P
   5-7 GHz Driver Amplifier
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC633 HITTITE-HMC633_11 Datasheet
523Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com