Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3667A Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA3667A
Description  7-20GHz Medium Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3667A Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3667A Datasheet HTML 1Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 2Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 3Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 4Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 5Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 6Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 7Page - United Monolithic Semiconductors CHA3667A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA3667a
7-20GHz Amplifier
Ref. : DSCHA3667a0158 - 07 Jun 10
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Measured Performance
On wafer measurement (without bonding wires at the RF ports)
Tamb.=+25°C, Vd=+4.2V Id=175mA
Gain & return losses versus frequency
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Frequency ( GHz)
S21
S11
S22
Noise figure versus frequency
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
8
10
12
14
16
18
20
Frequency ( GHz)


Similar Part No. - CHA3667A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
518Kb / 14P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
357Kb / 16P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG_15 Datasheet
357Kb / 16P
   7-20GHz Medium Power Amplifier
More results

Similar Description - CHA3667A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG_15 Datasheet
357Kb / 16P
   7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
518Kb / 14P
   7-20GHz Medium Power Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
   7-16GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
   7-16GHz Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
logo
Agilent(Hewlett-Packard...
MGA-545P8 HP-MGA-545P8 Datasheet
190Kb / 10P
   1-7 GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com