Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2531F256 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2531F256
Description  A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2531F256 Datasheet(HTML) 4 Page - Texas Instruments

  CC2531F256 Datasheet HTML 1Page - Texas Instruments CC2531F256 Datasheet HTML 2Page - Texas Instruments CC2531F256 Datasheet HTML 3Page - Texas Instruments CC2531F256 Datasheet HTML 4Page - Texas Instruments CC2531F256 Datasheet HTML 5Page - Texas Instruments CC2531F256 Datasheet HTML 6Page - Texas Instruments CC2531F256 Datasheet HTML 7Page - Texas Instruments CC2531F256 Datasheet HTML 8Page - Texas Instruments CC2531F256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CC2531F128, CC2531F256
SWRS086A – SEPTEMBER 2009 – REVISED JUNE 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
125
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Digital regulator on. 16-MHz RCOSC running. No radio,
crystals, or peripherals active.
3.4
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running. No radio or peripherals active.
6.5
8.9
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running, radio in RX mode, –50-dBm input
20.5
mA
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in RX mode at –100-dBm input
24.3
29.6
mA
power (waiting for signal), no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 1-dBm output
28.7
mA
Icore
Core current consumption
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 4.5-dBm output
33.5
39.6
mA
power, no peripherals active, CPU idle
Power mode 1. Digital regulator on; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, BOD
0.2
0.3
mA
and sleep timer active; RAM and register retention
Power mode 2. Digital regulator off; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, and
1
2
mA
sleep timer active; RAM and register retention
Power mode 3. Digital regulator off; no clocks; POR active;
0.4
1
mA
RAM and register retention
Peripheral Current Consumption (Adds to core current Icore for each peripheral unit activated)
Timer 1
Timer running, 32-MHz XOSC used
90
mA
Timer 2
Timer running, 32-MHz XOSC used
90
mA
Timer 3
Timer running, 32-MHz XOSC used
60
mA
Timer 4
Timer running, 32-MHz XOSC used
70
mA
Iperi
Sleep timer
Including 32.753-kHz RCOSC
0.6
mA
Measured on CC2531 dongle reference design, 48-MHz clock
USB
0.1
mA
running, USB enabled
ADC
When converting
1.2
mA
Erase
1
mA
Flash
Burst write peak current
6
mA
(1)
Normal flash access means that the code used exceeds the cache storage, so cache misses happen frequently.
GENERAL CHARACTERISTICS
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ active
4
ms
oscillator off. Start-up of 16-MHz RCOSC
Digital regulator off, 16-MHz RCOSC and 32-MHz crystal
Power mode 2 or 3
→ active
0.1
ms
oscillator off. Start-up of regulator and 16-MHz RCOSC
Initially running on 16-MHz RCOSC, with 32-MHz XOSC off
0.5
ms
Active
→ TX or RX
With 32-MHz XOSC initially on
192
ms
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CC2531F128 CC2531F256


Similar Part No. - CC2531F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F256 TI-CC2531F256 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F256 TI-CC2531F256 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2531F256RHAR TI-CC2531F256RHAR Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F256RHAR TI-CC2531F256RHAR Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F256RHAT TI-CC2531F256RHAT Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2531F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531 TI-CC2531 Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com