Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2531F128RHAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2531F128RHAR
Description  A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2531F128RHAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2531F128RHAR Datasheet HTML 2Page - Texas Instruments CC2531F128RHAR Datasheet HTML 3Page - Texas Instruments CC2531F128RHAR Datasheet HTML 4Page - Texas Instruments CC2531F128RHAR Datasheet HTML 5Page - Texas Instruments CC2531F128RHAR Datasheet HTML 6Page - Texas Instruments CC2531F128RHAR Datasheet HTML 7Page - Texas Instruments CC2531F128RHAR Datasheet HTML 8Page - Texas Instruments CC2531F128RHAR Datasheet HTML 9Page - Texas Instruments CC2531F128RHAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CC2531F128, CC2531F256
SWRS086A – SEPTEMBER 2009 – REVISED JUNE 2010
www.ti.com
RF RECEIVE SECTION
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz, unless
otherwise noted.
Bold limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to 2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PER = 1%, as specified by [1]
–97
–92
Receiver sensitivity
dBm
[1] requires –85 dBm
–88
PER = 1%, as specified by [1]
Saturation (maximum input level)
10
dBm
[1] requires –20 dBm
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, 5-MHz
5 MHz, PER = 1%, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, –5-MHz
–5 MHz, PER = 1%, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, 10-MHz
10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, –10-MHz
–10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Channel rejection
Wanted signal at –82 dBm. Undesired signal is an IEEE
802.15.4 modulated channel, stepped through all channels
dB
≥ 20 MHz
57
from 2405 to 2480 MHz. Signal level for PER = 1%.
57
≤ –20 MHz
Wanted signal at –82 dBm. Undesired signal is 802.15.4
Co-channel rejection
modulated at the same frequency as the desired signal. Signal
–3
dB
level for PER = 1%.
Blocking/desensitization
5 MHz from band edge
Wanted signal 3 dB above the sensitivity level, CW jammer,
–33
10 MHz from band edge
PER = 1%. Measured according to EN 300 440 class 2.
–33
20 MHz from band edge
–32
dBm
50 MHz from band edge
–31
–5 MHz from band edge
–35
–10 MHz from band edge
–35
–20 MHz from band edge
–34
–50 MHz from band edge
–34
Spurious emission. Only largest spurious
Conducted measurement with a 50-
Ω single-ended load.
emission stated within each band.
Suitable for systems targeting compliance with EN 300 328,
dBm
30 MHz–1000 MHz
≤80
EN 300 440, FCC CFR47 Part 15, and ARIB STD-T-66.
1 GHz–12.75 GHz
–57
Frequency error tolerance(1)
[1] requires minimum 80 ppm
±150
ppm
Symbol rate error tolerance(2)
[1] requires minimum 80 ppm
±1000
ppm
Sensitivity impact of USB operation
Measured on CC2531 dongle reference design with CDC bulk
0.5
dB
transfer to PC at maximum speed
(1)
Difference between center frequency of the received RF signal and local oscillator frequency
(2)
Difference between incoming symbol rate and the internally generated symbol rate
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CC2531F128 CC2531F256


Similar Part No. - CC2531F128RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128RHAR TI-CC2531F128RHAR Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2531F128RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531 TI-CC2531 Datasheet
850Kb / 32P
[Old version datasheet]   A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com