Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7575 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MX7575
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MX7575 Datasheet HTML 4Page - Maxim Integrated Products MX7575 Datasheet HTML 5Page - Maxim Integrated Products MX7575 Datasheet HTML 6Page - Maxim Integrated Products MX7575 Datasheet HTML 7Page - Maxim Integrated Products MX7575 Datasheet HTML 8Page - Maxim Integrated Products MX7575 Datasheet HTML 9Page - Maxim Integrated Products MX7575 Datasheet HTML 10Page - Maxim Integrated Products MX7575 Datasheet HTML 11Page - Maxim Integrated Products MX7575 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
______________ Typical Applications
Unipolar Operation
Figure 16a shows the analog circuit connections for
unipolar operation, and Figure 16b shows the nominal
transfer characteristic for unipolar operation. Since the
offset and full-scale errors of the MX7575/MX7576 are
very small, it is not necessary to null these errors in
most cases. If calibration is required, follow the steps in
the sections below.
Offset Adjust
The offset error can be adjusted by using the offset trim
capability of an op amp (when it is used as a voltage fol-
lower) to drive the analog input, AIN. The op amp should
have a common-mode input range that includes 0V. Set
its initial input to 4.8mV (1/2LSB), while varying its offset
until the ADC output code flickers between 0000 0000
and 0000 0001.
Full-Scale Adjustment
Make the full-scale adjustment by forcing the analog
input, AIN, to 2.445V (FS - 3/2LSB). Then vary the refer-
ence input voltage until the ADC output code flickers
between 1111 1110 and 1111 1111.
Bipolar Operation
Figure 18a shows an example of the circuit connection
for bipolar operation, and Figure 18b shows the nominal
transfer characteristic for bipolar operation. The output
code provided by the MX7575 is offset binary. The ana-
log input range for this circuit is ±2.46V (1LSB =
19.22mV), even though the voltage appearing at AIN is
in the 0V to 2.46V range. In most cases, the MX7575 is
accurate enough that calibration will not be necessary. If
calibration is not needed, resistors R1–R7 should have a
0.1% tolerance, with R4 and R5 replaced by one 10k
resistor, and R2 and R3 with one 1k
Ω resistor. If calibra-
tion is required, follow the steps in the sections below.
Offset Adjust
Adjust the offset error by applying an analog input volt-
age of 2.43V (+FS - 3/2LSB). Then adjust resistor R5
until the output code flickers between 1111 1110 and
1111 1111.
Full-Scale Adjust
Null the full-scale error by applying an analog input
voltage of -2.45V (-FS + 1/2LSB). Then adjust resistor
R3 until the output code flickers between 0000 0000
and 0000 0001.
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
10
______________________________________________________________________________________
16
17
15
5
4
1
2
3
9
18
+5V
+5V
47
µF
47
µF
0.1
µF
3.3k
+1.23V
0.1
µF
+5V
2.46V(max)
+
-
D7–D0
DATA OUT
CONTROL INPUTS
CCLK
100pF, 1%
RCLK
100k, 2%
AIN
REF
AGND
CLK
BUSY
CS
RD
TP/
MODE
VDD
MX7575
MX7576
0000 0011
0000 0010
0000 0001
0000 0000
1111 1111
1111 1110
1111 1101
1LSB
2LSBs
3LSBs
0
AIN, INPUT VOLTAGE (IN TERMS OF LSBs)
FS - 1LSB
FULL-SCALE
TRANSITION
(FS - 3/2LSB)
OUTPUT
CODE
FS = 2VREF
1LSB = –––
2FS
256
11
12
13
14
7
-55
-25
25
75
8
10
AMBIENT TEMPERATURE (°C)
0
125
100
50
9
MX7576
MX7575
RCLK = 100kΩ
CCLK = 100pF
Figure 16a. Unipolar Configuration
Figure 16b. Nominal Transfer Characteristic for Unipolar
Operation
Figure 17. Typical Conversion Times vs. Temperature Using
Internal Clock


Similar Part No. - MX7575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com