Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA4102-QEG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA4102-QEG
Description  S band Digital VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4102-QEG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA4102-QEG Datasheet HTML 1Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHA4102-QEG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CHA4102-QEG
S band Digital VGA
Ref. : DSCHA4102-QEG2335 - 30 Nov 12
4/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
V+
Maximum DC positive supply
+6
V
VT
Maximum DC positive supply of the detector
+6
V
V2
Maximum DC positive supply of the output
amplifier
+5.5
V
V-
Maximum DC negative supply
-6
V
Vctrl
Attenuation control voltage (Vlow Vhigh)
-0.5 +5.5
V
Pin_Max
Maximum peak input power overdrive at state 0
+20
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
V+
13
DC supply voltage TTL interface + 1
st stage
+5
V
V2
2
DC supply voltage 2st stage
+5
V
V-
1
DC supply voltage
-5


Similar Part No. - CHA4102-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4105-99F UMS-CHA4105-99F Datasheet
378Kb / 12P
   2-4GHz Driver
CHA4105-99F UMS-CHA4105-99F_15 Datasheet
378Kb / 12P
   2-4GHz Driver
CHA4105-QDG UMS-CHA4105-QDG Datasheet
537Kb / 12P
   2-4GHz Driver
CHA4105-QDG UMS-CHA4105-QDG_15 Datasheet
537Kb / 12P
   2-4GHz Driver
CHA4107-99F UMS-CHA4107-99F Datasheet
450Kb / 10P
   4.5-6.5GHz Medium Power Amplifier
More results

Similar Description - CHA4102-QEG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
   TX Digital VGA
F1455 IDT-F1455 Datasheet
2Mb / 27P
   TX Digital VGA
logo
United Monolithic Semic...
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
   CMOS VGA DIGITAL IMAGE SESNSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com