Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB202LX Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB202LX
Description  Low-voltage variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB202LX Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB202LX_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202LX_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BB202LX_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 11 April 2006
3 of 7
Philips Semiconductors
BB202LX
Low-voltage variable capacitance diode
f = 1 MHz; Tj =25 °C.
f = 470 MHz; Tj =25 °C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Diode serial resistance as a function of reverse
voltage; typical values
VR (V)
10−1
10
1
001aae545
20
10
30
40
Cd
(pF)
0
001aae546
0.4
0.2
0.6
0.8
rs
(
Ω)
0
VR (V)
10−1
102
10
1
Tj =0 °C to 85 °C.
Fig 3.
Reverse current as a function of junction
temperature; maximum values
Fig 4.
Temperature coefficient of diode capacitance
as a function of reverse voltage; typical values
001aae541
102
10
103
IR
(nA)
1
Tj (°C)
0
100
80
40
60
20
VR (V)
10−1
102
10
1
001aae542
10−3
10−4
10−2
TCCd
(K−1)
10−5


Similar Part No. - BB202LX_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BB202LX_2015 JMNIC-BB202LX_2015 Datasheet
52Kb / 7P
   Low-voltage variable capacitance diode
More results

Similar Description - BB202LX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB141 PHILIPS-BB141 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
logo
Leshan Radio Company
BB142 LRC-BB142 Datasheet
127Kb / 2P
   Low-voltage variable capacitance diode
logo
Zhaoxingwei Electronics...
BB156 ZHAOXINGWEI-BB156 Datasheet
45Kb / 1P
   Low-Voltage Variable Capacitance Diode
logo
Quanzhou Jinmei Electro...
BB156_2015 JMNIC-BB156_2015 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com