Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA4107-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA4107-99F
Description  4.5-6.5GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4107-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA4107-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA4107-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CHA4107-99F
4.5-6.5GHz Medium Power Amplifier
Ref. : DSCHA41074188 - 07 Jul 14
4/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical on-wafer Sij parameters
Tamb.= +25°C, Vd = +8V, Id = 115mA
Freq
(GHz)
S11
(dB)
PhS11
(°)
S12
(dB)
PhS12
(°)
S21
(dB)
PhS21
(°)
S22
(dB)
PhS22
(°)
14.40
-1.57
41.82
-56.19
59.72
-46.09
-48.43
-1.59
19.73
14.80
-1.17
32.98
-40.02
-169.00
-51.16
-127.00
-1.49
15.50
15.20
-1.84
24.26
-40.17
-71.68
-47.88
-59.04
-2.12
11.99
15.60
-0.89
19.12
-51.96
-16.02
-49.10
-76.69
-1.77
4.34
16.00
-1.09
26.33
-54.17
-178.80
-42.14
-83.60
-0.50
2.88
16.40
-1.09
9.86
-51.44
174.50
-50.02
157.60
-1.75
-3.97
16.80
-0.36
8.65
-44.47
-19.29
-45.84
-16.49
-0.61
-10.70
17.20
-0.85
6.22
-44.09
60.04
-53.59
50.86
-0.66
-9.31
17.60
-0.31
-2.44
-46.94
8.43
-48.01
97.35
-1.29
-18.54
18.00
-0.86
-0.40
-47.33
-162.90
-48.23
69.86
-0.66
-20.51


Similar Part No. - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4107-QDG UMS-CHA4107-QDG Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
CHA4107-QDG UMS-CHA4107-QDG_15 Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
More results

Similar Description - CHA4107-99F_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
   Power GaAs MMIC Amplifier 2-6.5GHz
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com