Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA4107-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA4107-QDG
Description  C-band Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4107-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA4107-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA4107-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CHA4107-QDG
C-band Medium Power Amplifier
Ref. : DSCHA4107-QDG4188 - 07 Jul 14
4/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Vd = 8V, Id (Quiescent) = 120mA, Drain Pulse width = 50µs, Duty cycle = 10%
Linear Gain versus frequency
S11 versus frequency
18
19
20
21
22
23
24
25
26
27
28
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
Linear Gain @ Temp=25°C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Frequency (GHz)
S11 @ Temp=25°C


Similar Part No. - CHA4107-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4107-99F UMS-CHA4107-99F Datasheet
450Kb / 10P
   4.5-6.5GHz Medium Power Amplifier
CHA4107-99F UMS-CHA4107-99F_15 Datasheet
450Kb / 10P
   4.5-6.5GHz Medium Power Amplifier
More results

Similar Description - CHA4107-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5115-QDG UMS-CHA5115-QDG Datasheet
656Kb / 12P
   X-band Medium Power Amplifier
CHA5115-99F UMS-CHA5115-99F_15 Datasheet
203Kb / 10P
   X-band Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4903-SM TRIQUINT-TGA4903-SM_15 Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Eudyna Devices Inc
FMM5057X EUDYNA-FMM5057X Datasheet
621Kb / 14P
   C-Band Power Amplifier MMIC
logo
United Monolithic Semic...
CHA8012-99F UMS-CHA8012-99F Datasheet
690Kb / 8P
   C Band High Power Amplifier
logo
Toshiba Semiconductor
2SC1556 TOSHIBA-2SC1556 Datasheet
240Kb / 4P
   UHF Band Medium Power Amplifier Applicationg
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com