Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7534JEWP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7534JEWP
Description  Microprocessor-Compatible, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7534JEWP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7534JEWP Datasheet HTML 1Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 2Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 3Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 4Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 5Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 6Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 7Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 8Page - Maxim Integrated Products MX7534JEWP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Microprocessor-Compatible,
14-Bit DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +11.4V to +15.75V (Note 1), VREF = 10V, VIOUT = VAGNDS = VSS = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ............................................................-0.3V, +17V
VSS to AGND .............................................................-15V, +0.3V
REF to AGND (MX7534) ......................................................±25V
REFS to AGND (MX7535) ....................................................±25V
REFF to AGND (MX7535) ....................................................±25V
RFB to AGND.......................................................................±25V
Digital Input Voltage to DGND.........................-0.3V, VDD + 0.3V
IOUT to DGND .................................................-0.3V, VDD + 0.3V
AGND to DGND ...............................................-0.3V, VDD + 0.3V
Continuous Power Dissipation (TA = +70°C)
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
28-Pin Plastic DIP (derate 14.29mW/°C above +70°C) ......1.14W
20-Pin SO (derate 10.00mW/°C above +70°C)..............800mW
28-Pin SO (derate 12.50mW/°C above +70°C).....................1W
20-Pin PLCC (derate 10.00mW/°C above +70°C) .........800mW
28-Pin PLCC (derate 10.53mW/°C above +70°C) .........842mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C)......889mW
28-Pin CERDIP (derate 16.67mW/°C above +70°C)........1.33W
20-Pin Ceramic SB
(derate 11.76mW/°C above +70°C) .............................941mW
28-Pin Ceramic SB
(derate 20.00mW/°C above +70°C) ................................1.6W
Operating Temperature Ranges
MX753_J/K ............................................................0°C to +70°C
MX753_A/B ........................................................-25°C to +85°C
MX753_EW_.......................................................-40°C to +85°C
MX753_S/T.......................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
±10
Input Leakage Current
µA
±1
VINL
Input Low Voltage
V
0.8
V
2.4
VINH
Input High Voltage
k
3.5
6
10
RREF
Reference Voltage Input
Resistance (Note 3)
nA
±150
IOUT
Output Leakage Current
±1
Bits
14
Resolution
±25
±5
ppm/°C
±0.5
±5
Gain Temperature Coefficient
(Note 2)
±0.5
±2.5
LSB
±2
INL
Relative Accuracy
±4
LSB
±8
Full-Scale Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MX753_K/B/T
TA = TMIN to TMAX
MX753_J/K/A/B
MX753_J/A/S
Measured with internal RFB,
includes effects of leakage
current and gain TC
MX753_S/T
CONDITIONS
LSB
±1
Guaranteed Monotonic
Differential Nonlinearity
pF
7
CIN
Input Capacitance (Note 2)
TA = TMIN
to TMAX
All digital
inputs at 0V
All digital
inputs at 0V,
VSS = 0V
TA = +25°C
MX753_J/A/S
MX753_K/B/T
MX753_J/A/S
MX753_K/B/T
TA = +25°C
Digital inputs
at 0V or VDD
DC ACCURACY
REFERENCE INPUT
DIGITAL INPUTS


Similar Part No. - MX7534JEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530J/D MAXIM-MX7530J/D Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JCWE MAXIM-MX7530JCWE Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JD MAXIM-MX7530JD Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
More results

Similar Description - MX7534JEWP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com