Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7575KN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MX7575KN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7575KN Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX7575KN Datasheet HTML 1Page - Maxim Integrated Products MX7575KN Datasheet HTML 2Page - Maxim Integrated Products MX7575KN Datasheet HTML 3Page - Maxim Integrated Products MX7575KN Datasheet HTML 4Page - Maxim Integrated Products MX7575KN Datasheet HTML 5Page - Maxim Integrated Products MX7575KN Datasheet HTML 6Page - Maxim Integrated Products MX7575KN Datasheet HTML 7Page - Maxim Integrated Products MX7575KN Datasheet HTML 8Page - Maxim Integrated Products MX7575KN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
DIP/SO
NAME
FUNCTION
1
CS
Chip Select Input.
CS must be low for the device to be selected or to recognize the RD input.
PIN
2
RD
Read Input.
RD must be low to access data. RD is also used to start conversions. See the
Microprocessor Interface section.
TP
(MX7575)
Test Point. Connect to VDD.
7, 8
D6, D5
Three-State Data Outputs, bits 6 and 5
6
D7
Three-State Data Output, bit 7 (MSB)
5
CLK
External Clock Input/Internal Oscillator Pin for frequency setting RC components.
4
BUSY
BUSY Output. BUSY going low indicates the start of a conversion. BUSY going high indicates the
end of a conversion.
9
DGND
Digital Ground
TA = +25°C
TA = TMIN to TMAX
ALL
J/K/A/B
S/T
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
CS to RD Setup Time
t1
0
0
0
ns
RD to BUSY Propagation Time
t2
100
100
120
ns
Data-Access Time after
RD
t3
(Note 6)
100
100
120
ns
RD Pulse Width
t4
100
100
120
ns
CS to RD Hold Time
t5
0
0
0
ns
Data-Access Time after
BUSY
t6
(Note 6)
80
80
100
ns
Data-Hold Time
t7
(Note 7)
10
80
10
80
10
100
ns
BUSY to CS Delay
t8
0
0
0
ns
TIMING CHARACTERISTICS (Note 5)
(VDD = +5V, VREF = 1.23V, AGND = DGND = 0V.)
Note 5: Timing specifications are sample tested at +25°C to ensure compliance. All input control signals are specified with
tr = tf = 20ns (10% to 90% of +5V) and timed from a voltage level of 1.6V.
Note 6: t3 and t6 are measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8V or 2.4V.
Note 7: t7 is defined as the time required for the data lines to change 0.5V when loaded with the circuits of Figure 2.
PLCC
2
3
4
8, 9
7
6
5
10
3
MODE
(MX7576)
Mode Input. MODE = low puts the ADC into its asynchronous conversion mode. MODE has to be
tied high for the synchronous conversion mode and the ROM interface mode.
14
D0
Three-State Data Output, bit 0 (LSB)
10–13
D4–D1
Three-State Data Outputs, bits 4–1
15
AGND
Analog Ground
16
12–15
17
18
VDD
Power-Supply Voltage. +5V nominal.
17
REF
Reference Input. +1.23V nominal.
N.C.
No Connect
20
19
1, 11
16
AIN
Analog Input. 0V to 2VREF input range.
18


Similar Part No. - MX7575KN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7575KN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com