Electronic Components Datasheet Search |
|
SN74AHC4066NSRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74AHC4066NSRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 27 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 − JUNE 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 5) MIN MAX UNIT VCC Supply voltage 2† 5.5 V VCC = 2 V 1.5 V High level input voltage control inputs VCC = 2.3 V to 2.7 V VCC × 0.7 V VIH High-level input voltage, control inputs VCC = 3 V to 3.6 V VCC × 0.7 V VCC = 4.5 V to 5.5 V VCC × 0.7 VCC = 2 V 0.5 V Low level input voltage control inputs VCC = 2.3 V to 2.7 V VCC × 0.3 V VIL Low-level input voltage, control inputs VCC = 3 V to 3.6 V VCC × 0.3 V VCC = 4.5 V to 5.5 V VCC × 0.3 VI Control input voltage 0 5.5 V VIO Input/output voltage 0 VCC V VCC = 2.3 V to 2.7 V 200 Δt/Δv Input transition rise or fall rate VCC = 3 V to 3.6 V 100 ns/V Δt/Δv Input transition rise or fall rate VCC = 4.5 V to 5.5 V 20 ns/V TA Operating free-air temperature −40 85 °C † With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. Only digital signals should be transmitted at these low supply voltages. NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Similar Part No. - SN74AHC4066NSRG4 |
|
Similar Description - SN74AHC4066NSRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |