Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA5266-QDG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA5266-QDG
Description  10-16 GHz Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5266-QDG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA5266-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA5266-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
10-16 GHz Medium Power Amplifier
CHA5266-QDG
Ref. : DSCHA5266-QDG3233 - 21 Aug 13
5/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +5.0V, Id = 320mA
Measurement in the QFN planes as defined in paragraph “Definition of the Sij reference
planes”
Linear Gain & Return Loss versus Frequency
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
6
8
10
12
14
16
18
20
Frequency (GHz)
S21
S11
S22


Similar Part No. - CHA5266-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
   10-16 GHz Medium Power Amplifier
More results

Similar Description - CHA5266-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
   10-16 GHz Medium Power Amplifier
logo
Transcom, Inc.
TA160-180-50-10 TRANSCOM-TA160-180-50-10 Datasheet
17Kb / 1P
   16 - 18 GHz 10 dBm Power Amplifier
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
   71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
   9-16 GHz Medium Power MMIC
logo
TriQuint Semiconductor
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com