Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA5350-99F Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA5350-99F
Description  17-24GHz Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5350-99F Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA5350-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHA5350-99F_15 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
17-24GHz Medium Power Amplifier
CHA5350-99F
Ref. : DSCHA53503018 - 18 Jan 13
11/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
DC Schematic
DRV: 6V, 300mA


Similar Part No. - CHA5350-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
More results

Similar Description - CHA5350-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
   17-24GHz Medium Power Amplifier
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
   17-24GHz High Power Amplifier
CHA5293A UMS-CHA5293A Datasheet
149Kb / 7P
   17-24GHz High Power Amplifier
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
   17.7-24GHz Medium Power Amplifier
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
   17-24GHz Variable Gain Amplifier
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
   17-26GHz Medium Power Amplifier
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com