Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7534SQ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX7534SQ
Description  Microprocessor-Compatible, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7534SQ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX7534SQ Datasheet HTML 1Page - Maxim Integrated Products MX7534SQ Datasheet HTML 2Page - Maxim Integrated Products MX7534SQ Datasheet HTML 3Page - Maxim Integrated Products MX7534SQ Datasheet HTML 4Page - Maxim Integrated Products MX7534SQ Datasheet HTML 5Page - Maxim Integrated Products MX7534SQ Datasheet HTML 6Page - Maxim Integrated Products MX7534SQ Datasheet HTML 7Page - Maxim Integrated Products MX7534SQ Datasheet HTML 8Page - Maxim Integrated Products MX7534SQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MX7534/MX7535 are high-performance, CMOS,
monolithic, 14-bit digital-to-analog converters (DACs).
Wafer-level, laser-trimmed, thin-film resistors and tempera-
ture-compensated NMOS switches assure operation over
the full operating temperature range with exceptional lin-
ear and gain stability.
The MX7534 accepts right-justified data in two bytes from
an 8-bit bus, while the MX7535 operates with a 14-bit data
bus with separate MS-byte and LS-byte select controls. In
addition, all digital inputs are compatible with both TTL and
5V CMOS-logic levels. The MX7534/MX7535 are intended
for unipolar operation, but may be operated as bipolar
DACs with additional external components. Both devices
are protected against CMOS latchup, and neither requires
the use of external Schottky protection diodes.
The MX7534 is available in 20-pin narrow (0.3") DIP, wide
SO, or PLCC packages. The MX7535 is available in
28-pin, 600 mil wide DIP, wide SO, or PLCC packages.
________________________Applications
Machine and Motion Control Systems
Automatic Test Equipment
Digital Audio
µP-Controlled Calibration Circuitry
Programmable-Gain Amplifiers
Digitally Controlled Filters
Programmable Power Supplies
____________________________Features
o 14-Bit Monotonic Over Full Temperature Range
o Full 4-Quadrant Multiplication
o µP-Compatible, Double-Buffered Inputs
o Exceptionally Low Gain Tempco (2.5ppm/°C)
o Low Output Leakage (<20nA) Over Temp.
o Low Power Consumption
o TTL and CMOS Compatible
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are tested at +25°C, DC parameters only.
Microprocessor-Compatible,
14-Bit DACs
________________________________________________________________
Maxim Integrated Products
1
MX7534
DAC REGISTER
MS
INPUT
REGISTER
LS
INPUT
REGISTER
14
6
8
2
3
4
5
15
16
18
17
20
6
7–14
19
14-BIT DAC
CONTROL
LOGIC
1
REF
RFB
IOUT
AGNDS
AGNOF
A1
A0
CS
WR
VDD
D7–D0
DGND
VSS
Functional diagrams continued at end of data sheet.
_______________Functional Diagrams
_________________Pin Configurations
19-1116; Rev 1; 11/96
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
TEMP. RANGE
PIN-PACKAGE INL (LSBs)
MX7534KN
0°C to +70°C
20 Plastic DIP
±1
MX7534JN
0°C to +70°C
20 Plastic DIP
±2
MX7534KCWP
0°C to +70°C
20 SO
±1
MX7534JCWP
0°C to +70°C
20 SO
±2
MX7534KP
0°C to +70°C
20 PLCC
±1
MX7534JP
0°C to +70°C
20 PLCC
±2
MX7534J/D
0°C to +70°C
Dice*
±2
MX7534BQ
-25°C to +85°C
20 CERDIP
±1
MX7534AQ
-25°C to +85°C
20 CERDIP
±2
MX7534BD
-25°C to +85°C
20 Ceramic SB
±1
MX7534AD
-25°C to +85°C
20 Ceramic SB
±2
MX7534KEWP
-40°C to +85°C
20 SO
±1
MX7534JEWP
-40°C to +85°C
20 SO
±2
MX7534TQ
-55°C to +125°C
20 CERDIP
±1
MX7534SQ
-55°C to +125°C
20 CERDIP
±2
MX7534TD
-55°C to +125°C
20 Ceramic SB
±1
MX7534SD
-55°C to +125°C
20 Ceramic SB
±2
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VSS
VDD
CS
WR
AGNDS
IOUT
RFB
REF
TOP VIEW
A0
A1
D0
D1
D6
D7
DGND
AGNDF
12
11
9
10
D2
D3
D4
MX7535 at end of data sheet.
D5
DIP/SO/PLCC/Ceramic SB
MX7534


Similar Part No. - MX7534SQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530J/D MAXIM-MX7530J/D Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JCWE MAXIM-MX7530JCWE Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JD MAXIM-MX7530JD Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
More results

Similar Description - MX7534SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com