Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G66
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G66_15 Datasheet HTML 2Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 3Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 4Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 5Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 6Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 7Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 8Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 9Page - Texas Instruments SN74LVC1G66_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN74LVC1G66
SCES323O – JUNE 2001 – REVISED MARCH 2015
www.ti.com
6.7 Analog Switch Characteristics
TA = 25°C
FROM
TO
TEST
PARAMETER
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
120
fin = sine wave
3 V
175
(see Figure 6)
4.5 V
195
Frequency response(1)
A or B
B or A
MHz
(switch ON)
1.65 V
>300
CL = 5 pF, RL = 50 Ω,
2.3 V
>300
fin = sine wave
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
50
Crosstalk
C
A or B
fin = 1 MHz (square wave)
mV
(control input to signal output)
3 V
70
(see Figure 7)
4.5 V
100
1.65 V
–58
CL = 50 pF, RL = 600 Ω,
2.3 V
–58
fin = 1 MHz (sine wave)
3 V
–58
(see Figure 8)
4.5 V
–58
Feedthrough attenuation(2)
A or B
B or A
dB
(switch OFF)
1.65 V
–42
CL = 5 pF, RL = 50 Ω,
2.3 V
–42
fin = 1 MHz (sine wave)
3 V
–42
(see Figure 8)
4.5 V
–42
1.65 V
0.1%
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025%
fin = 1 kHz (sine wave)
3 V
0.015%
(see Figure 9)
4.5 V
0.01%
Sine-wave distortion
A or B
B or A
1.65 V
0.15%
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025%
fin = 10 kHz (sine wave)
3 V
0.015%
(see Figure 9)
4.5 V
0.01%
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
(2)
Adjust fin voltage to obtain 0 dBm at input.
6.8 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
8
9
9
11
pF
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G66


Similar Part No. - SN74LVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
More results

Similar Description - SN74LVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com