Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G53 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G53_15 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
100
10
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCC = 1.65 V
VCC = 2.3 V
VCC = 3.0 V
VCC = 4.5 V
VI - V
VCC
VI = VCC or GND
VO
ron +
V
I * VO
I
S
W
VI - VO
GND
V
Y1
IS
(On)
VCC
VIL
Y2
A
VA
VINH
INH
COM
VIL or VIH
S
1
2
VA
VIL
VIH
S
1
2
SN74LVC2G53
SCES324N – JULY 2001 – REVISED JANUAY 2014
www.ti.com
Parameter Measurement Information
Figure 1. On-State Resistance Test Circuit
Figure 2. Typical ron as a Function of Input Voltage (VI) for VI = 0 to VCC
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links :SN74LVC2G53


Similar Part No. - SN74LVC2G53_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
More results

Similar Description - SN74LVC2G53_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com