Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2G66
Description  SN74LVC2G66 Dual Bilateral Analog Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G66_15 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN74LVC2G66
SCES325L – JULY 2001 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or B
B or A
2
1.2
0.8
0.6
ns
ten
(2)
C
A or B
2.3
10
1.6
5.6
1.5
4.4
1.3
3.9
ns
tdis
(3)
C
A or B
2.5
10.5
1.2
6.9
2
7.2
1.1
6.3
ns
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
6.7 Analog Switch Characteristics
TA = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
120
fin = sine wave
3 V
175
(see Figure 6)
4.5 V
195
Frequency response
A or B
B or A
MHz
(switch on)
1.65 V
>300
CL = 5 pF, RL = 50 Ω,
2.3 V
>300
fin = sine wave
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
–58
CL = 50 pF, RL = 600 Ω,
2.3 V
–58
fin = 1 MHz (sine wave)
3 V
–58
(see Figure 7)
4.5 V
–58
Crosstalk(1)
A or B
B or A
dB
(between switches)
1.65 V
–42
CL = 5 pF, RL = 50 Ω,
2.3 V
–42
fin = 1 MHz (sine wave)
3 V
–42
(see Figure 7)
4.5 V
–42
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
50
Crosstalk
C
A or B
fin = 1 MHz (square wave)
mV
(control input to signal output)
3 V
70
(see Figure 8)
4.5 V
100
1.65 V
–58
CL = 50 pF, RL = 600 Ω,
2.3 V
–58
fin = 1 MHz (sine wave)
3 V
–58
(see Figure 9)
4.5 V
–58
Feedthrough attenuation
A or B
B or A
dB
(switch off)
1.65 V
–42
CL = 5 pF, RL = 50 Ω,
2.3 V
–42
fin = 1 MHz (sine wave)
3 V
–42
(see Figure 9)
4.5 V
–42
(1)
Adjust fin voltage to obtain 0 dBm at input.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G66


Similar Part No. - SN74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results

Similar Description - SN74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com