Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2005G-J11-A-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA2005G-J11-A-T
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2005G-J11-A-T Datasheet(HTML) 2 Page - Unisonic Technologies

  PA2005G-J11-A-T Datasheet HTML 1Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 2Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 3Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 4Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 5Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 6Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 7Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 8Page - Unisonic Technologies PA2005G-J11-A-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 16
www.unisonic.com.tw
QW-R107-035,D
PIN CONFIGURATION
HZIP-11A
HSIP-14B
PIN DESCRIPTION
PIN NO.
PIN NAME
HZIP-11 HSIP-14*
1
1
INPUT+ (1)
2
2
INPUT- (1)
3
3
SVRR
4
4
INPUT- (2)
5
5
INPUT+ (2)
6
6
GND
7
10
BOOTSTRAP 2
8
11
OUTPUT 2
9
12
+VS
10
13
OUTPUT 1
11
14
BOOTSTRAP 1
* PIN 7, 8, 9 no connection.


Similar Part No. - PA2005G-J11-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2005G-J11-A-T UTC-PA2005G-J11-A-T Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
More results

Similar Description - PA2005G-J11-A-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240 Datasheet
106Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
   DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com