Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX972EBL-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX972EBL-T
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX972EBL-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX972EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 9Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 10Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 11Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 12Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 13Page - Maxim Integrated Products MAX972EBL-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
10
______________________________________________________________________________________
Low-Voltage Operation: V+ = 1V
(MAX9_4 Only)
The guaranteed minimum operating voltage is 2.5V (or
±1.25V). As the total supply voltage falls below 2.5V,
performance degrades and the supply current falls. The
reference will not function below about 2.2V, although
the comparators will continue to operate with a total
supply voltage as low as 1V. While the MAX9_4 has
comparators that may be used at supply voltages below
2V, the MAX9_1/MAX9_2/MAX9_3 may not be used with
supply voltages below 2.5V.
At low supply voltages, the comparators’ output sink
capability is reduced and the propagation delay
increases (see Typical Operating Characteristics). The
useful input voltage range extends from the negative
supply to a little under 1V below the positive supply,
which is slightly closer to the positive rail than when the
device operates from higher supply voltages. Test your
prototype over the full temperature and supply-voltage
range if you anticipate operation below 2.5V.
Comparator Output
With 100mV of overdrive, propagation delay is typically
3µs. The Typical Operating Characteristics show the
propagation delay for various overdrive levels. The
open-drain outputs are intended for wire-ORed and
level-shifting applications. The maximum output voltage
is 11V above V-, and may be applied even when no
supply voltage is present (V+ = V-).
The MAX9_1 and MAX9_4 outputs sink current to GND,
making these devices ideal for bipolar to single-ended
conversion and level-shifting applications.
The negative supply does not affect the output sink
current. The positive supply provides gate drive for the
output N-channel MOSFET and heavily influences the
output current capability, especially at low supply
voltages (see Typical Operating Characteristics section).
The MAX9_2 and MAX9_3 have no GND pin, and their
outputs sink current to V-.
Voltage Reference
The internal bandgap voltage reference has an output
of 1.182V above V-. Note that the REF voltage is
referenced to V-, not to GND. Its accuracy is ±1%
(MAX971/MAX973/MAX974) or ±2% (MAX981–MAX984)
in the 0°C to +70°C range. The REF output is typically
capable of sourcing 25µA and sinking 15µA. Do not
bypass the REF output.
Noise Considerations
Although the comparators have a very high gain, useful
gain is limited by noise. This is shown in the Transfer
Function graph (see Typical Operating Characteristics).
As the input voltage approaches the comparator’s
offset, the output begins to bounce back and forth; this
peaks when VIN = VOS. (The lowpass filter shown on the
graph averages out the bouncing, making the transfer
function easy to observe.) Consequently, the
comparator has an effective wideband peak-to-peak
noise of around 300µV. The voltage reference has
peak-to-peak noise approaching 1mV. Thus, when a
comparator is used with the reference, the combined
peak-to-peak noise is about 1mV. This, of course, is
much higher than the RMS noise of the individual
components. Take care in your layout to avoid
capacitive coupling from any output to the reference
pin. Crosstalk can significantly increase the actual
noise of the reference.
THRESHOLDS
OUT
IN-
IN+
VHB
HYSTERESIS
BAND
VREF - VHYST
Figure 2. Threshold Hysteresis Band
7
2
5
6
HYST
REF
V-
V+
R1
R2
MAX9_1
MAX982
MAX9_3
2.5V TO 11V
IREF
Figure 3. Programming the HYST Pin


Similar Part No. - MAX972EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
More results

Similar Description - MAX972EBL-T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com