Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7837AR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7837AR
Description  Complete, Dual, 12-Bit Multiplying DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7837AR Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7837AR Datasheet HTML 1Page - Maxim Integrated Products MX7837AR Datasheet HTML 2Page - Maxim Integrated Products MX7837AR Datasheet HTML 3Page - Maxim Integrated Products MX7837AR Datasheet HTML 4Page - Maxim Integrated Products MX7837AR Datasheet HTML 5Page - Maxim Integrated Products MX7837AR Datasheet HTML 6Page - Maxim Integrated Products MX7837AR Datasheet HTML 7Page - Maxim Integrated Products MX7837AR Datasheet HTML 8Page - Maxim Integrated Products MX7837AR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Complete, Dual, 12-Bit
Multiplying DACs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
±0.01
±0.01
±0.01
Power-Supply Rejection
±0.01
% per %
Voltage-Output Settling
Time
tS
Settling time to within ±1/2LSB of final DAC value;
DAC latch alternately loaded will all 0s and all 1s
4
µs
Slew Rate
7
V/µs
Digital-to Analog Glitch
Impulse
Q
DAC latch alternately loaded with 01…11 and
10…00
60
nV-s
Channel-to-Channel Isolation
(VREFA to VOUTB,
VREFB to VOUTA)
VREF = 20p-p, 10kHz sine wave, Alternate DAC
Latch Loaded with all 0s
-95
dB
Multiplying Feedthrough
Error
-90
dB
Unity-Gain Small-Signal
Bandwidth
THD
1
MHz
Full-Power Bandwidth
125
kHz
Total Harmonic Distortion
VREF = 6VRMS, 1kHz, DAC latch loaded with all 1s
-88
dB
Digital Crosstalk
Code transition from all 0s to all 1s; see
Typical
Operating Characteristics graphs
10
nV-s
Output Noise Voltage at
+25°C (0.1Hz to 10Hz)
Amplifier noise and Johnson noise of RFB
2
µVRMS
VDD Range
VDD
11.4
16.5
V
Positive Supply Current
IDD
510
mA
Output unloaded
Negative Supply Current
ISS
46
mA
Output unloaded
VSS Range
VSS
-11.4
-16.5
V
VREF = 20Vp-p Sine wave, DAC latch loaded with
all 1s
VREF = 100mVp-p sine wave, DAC latch loaded
with all 1s
VREF_ = 20Vp-p, 10kHz sine wave, latches loaded
with all 0s
VSS = -12V ±5%, VREF = 8.9V
VDD = 12V ±5%, VREF = -8.9V
VSS = -15V ±5%, VREF = 10V
VDD = 15V ±5%, VREF = -10V
∆Gain/∆VDD
∆Gain/∆VSS
∆Gain/∆VSS
∆Gain/∆VDD
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 11.4V to 16.5V, VSS = -11.4V to -16.5V, AGNDA = AGNDB = DGND = 0V, VREFA = VREFB = +10V, RL = 2kΩ, CL = 100pF,
VOUT connected to RFB (MX7837), TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Note 2: The analog outputs can swing to within 2.5V of the supply rails. Hence, for good linearity towards full-scale, |VREFA| and |VREFB| must
be at least 2.5V lower than VDD and |VSS|. Tests done with supply voltages below ±12.5V are done with VREFA = VREFB = ±8.9V.
Note 3: Static performance tested at VDD = +15V, VSS = -15V. Performance over supplies guaranteed by PSRR test.
Note 4: Guaranteed by design.
POWER REQUIREMENTS
AC CHARACTERISTICS


Similar Part No. - MX7837AR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839AS MAXIM-MX7839AS Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
More results

Similar Description - MX7837AR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7545A MAXIM-MX7545A Datasheet
516Kb / 12P
   CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Maxim Integrated Produc...
MAX7645 MAXIM-MAX7645 Datasheet
519Kb / 12P
   CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD5428 AD-AD5428 Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com