Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7535TQ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MX7535TQ
Description  Microprocessor-Compatible, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7535TQ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MX7535TQ Datasheet HTML 3Page - Maxim Integrated Products MX7535TQ Datasheet HTML 4Page - Maxim Integrated Products MX7535TQ Datasheet HTML 5Page - Maxim Integrated Products MX7535TQ Datasheet HTML 6Page - Maxim Integrated Products MX7535TQ Datasheet HTML 7Page - Maxim Integrated Products MX7535TQ Datasheet HTML 8Page - Maxim Integrated Products MX7535TQ Datasheet HTML 9Page - Maxim Integrated Products MX7535TQ Datasheet HTML 10Page - Maxim Integrated Products MX7535TQ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Microprocessor-Compatible,
14-Bit DACs
_______________________________________________________________________________________
7
Zero-Offset Adjustment
(Figures 4a and 4b)
1) Load the DAC register with all 0s.
2) Adjust the offset of amplifier A1 so that V0 (see fig-
ure) is at a minimum (i.e.,
≤ 30µV).
Gain Adjustment
(Figures 4a and 4b)
1) Load the DAC register with all 1s.
2) Trim potentiometer R1 so that VOUT = -VIN
(
16383)
16384
In fixed-reference applications, adjust full scale by
omitting R1 and R2 and trimming the reference voltage
magnitude. In many applications, the excellent Gain
Tempco and Gain Error specifications eliminate the
need for gain adjustment. However, if trims are
required and the DAC is to operate over a wide temper-
ature range, use low-tempco (>300ppm/°C) resistors.
Bipolar Operation
(4-Quadrant Multiplication)
Bipolar or 4-quadrant operation is shown in Figures 5a
and 5b. This configuration provides for offset binary
coding. Table 4 shows DAC codes and the corre-
sponding analog outputs for Figures 5a and 5b. With
the DAC loaded to 10 0000 0000 0000, either adjust R1
for VOUT = 0V, or omit R1 and R2 and adjust the ratio of
R5 and R6 for VOUT = 0V. Adjust the amplitude of VIN
or vary the value of R7 for full-scale trimming.
Resistors R5, R6, and R7 must be matched to 0.003%.
Mismatch of R5 and R6 causes both offset and full-
scale errors. For wide temperature range operation,
use resistors of the same material so that their tempera-
ture coefficients match and track.
2R
2R
G
F
E
D
C
B
A
S10
S9
S0
2R
2R
2R
2R
2R
2R
2R
R
R
R
2R
2R
R/4
RFB
IOUT
AGNDS
AGNDF
*NOTE: VALID FOR MX7535. IN MX7534, 0REFS AND 0REFF ARE REPLACED BY ONE PIN: REF.
REFS*
REFF*
R/4
+
AGNDS
AGNDF
IOUT
RFB
ILEAKAGE
g(VREF, N)
COUT
RO
Figure 2. Simplified Circuit Diagram
Figure 3. Equivalent Analog Output Circuit
Table 1. MX7534 Logic States
WR
CS
A1
A2
FUNCTION
X
1
X
X
Device not selected (Note 1)
1
X
X
X
No data transfer
0000
DAC loaded directly from
Data Bus (Note 2)
0001
MS Input Register loaded
from Data Bus
0010
LS Input Register loaded
from Data Bus
0011
DAC Register loaded from
Input Registers
Note 1: X = Don’t Care.
Note 2: When A1 = 0 and A0 = 0, all DAC registers are trans-
parent. By placing all 0s or all 1s on the data inputs, the
user can load the DAC to zero or full-scale output in
one write operation. This simplifies system calibration.


Similar Part No. - MX7535TQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530J/D MAXIM-MX7530J/D Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JCWE MAXIM-MX7530JCWE Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JD MAXIM-MX7530JD Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
More results

Similar Description - MX7535TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com