Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD1013 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MXD1013
Description  3-in-1 Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1013 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXD1013 Datasheet HTML 1Page - Maxim Integrated Products MXD1013 Datasheet HTML 2Page - Maxim Integrated Products MXD1013 Datasheet HTML 3Page - Maxim Integrated Products MXD1013 Datasheet HTML 4Page - Maxim Integrated Products MXD1013 Datasheet HTML 5Page - Maxim Integrated Products MXD1013 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
__________ Applications Information
Supply and Temperature
Effects on Delay
Over the specified range, the MXD1013’s delays are
typically 2% accurate. Variations in supply voltage may
affect the MXD1013’s fixed output delays. Supply volt-
ages beyond the specified range may result with larger
variations. Although there might be a slight variance in
delays over temperature, the MXD1013 is internally
compensated to maintain its nominal values.
Loading Effect on Delay Lines
Capacitive loads increase delay times as they increase
the rise and fall times of the delay lines. Other logic
devices increase the capacitance at the output of the
delays, which can affect device performance.
Board Layout Considerations
Bypass the MXD1013 with a 0.1µF capacitor to mini-
mize the impact of high-speed switching on the power
supply. The power supply must be able to deliver the
required switching currents for proper operation.
It is advisable to minimize trace lengths in order to
reduce board capacitance as well as the traveling dis-
tance between devices. Sockets and wire-wrapped
boards increase capacitance and should be avoided.
3-in-1 Silicon Delay Line
_______________________________________________________________________________________
5
Figure 1. Timing Diagram
MXD1013
TD
74F04
50
50
50
74F04
74F04
PULSE
GENERATOR
TD
PULSE
GENERATOR
TD
PULSE
GENERATOR
EACH OUTPUT IS LOADED WITH THE EQUIVALENT OF ONE 74F04.
THE DELAY OF THE 74F04 IS SUBTRACTED FROM THE MEASURED DELAY.
TIME
INTERVAL
COUNTER
Figure 2. Test Circuit
VIL
VIH
PERIOD
tRISE
IN
OUT
0.6V
0.6V
2.4V
2.4V
1.5V
1.5V
1.5V
1.5V
1.5V
tFALL
tWI
tPLH
tPHL
___________________Chip Information
TRANSISTOR COUNT: 824


Similar Part No. - MXD1013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com