Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7469-S16-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # PA7469-S16-T
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469-S16-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button PA7469-S16-T Datasheet HTML 4Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 5Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 6Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 7Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 8Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 9Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 10Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 11Page - Unisonic Technologies PA7469-S16-T Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-201.A
TYPICAL CHARACTERISTICS
THD+N vs. Frequency
20
1
5
0.1
100
1k
10k 20k
Frequency (Hz)
0.01
VDD=5V
RL=3Ω
POUT=1.8W
BTL
AVD=20dB
AVD=6dB
THD+N vs. Frequency
20
1
5
0.1
100
1k
10k 20k
Frequency (Hz)
0.01
VDD=5V
AV=6dB
RL=3Ω
BTL
POUT=0.9W
POUT=1.8W


Similar Part No. - PA7469-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469-S16-T UTC-PA7469-S16-T Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
More results

Similar Description - PA7469-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com