Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7824KCAG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MX7824KCAG
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7824KCAG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MX7824KCAG Datasheet HTML 3Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 4Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 5Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 6Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 7Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 8Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 9Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 10Page - Maxim Integrated Products MX7824KCAG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
does not require microprocessor WAIT states. A READ
operation simultaneously initiates a conversion and
reads the previous conversion result.
Interface Mode 0
Figure 5 shows the timing diagram for Mode 0 opera-
tion. This is used with microprocessors that have WAIT
state capability, whereby a READ instruction is extend-
ed to accommodate slow-memory devices. Taking CS
and RD low latches the analog multiplexer address and
starts a conversion. Data outputs DB0–DB7 remain in
the high-impedance condition until the conversion is
complete.
There are two status outputs: Interrupt (INT) and Ready
(RDY). RDY, an open-drain output (no internal pull-up
device), is connected to the processor’s READY/WAIT
input. RDY goes low on the falling edge of CS and goes
high impedance at the end of the conversion, when the
conversion result appears on the data outputs. If the RDY
output is not required, its external pull-up resistor can be
omitted. INT goes low when the conversion is complete
and returns high on the rising edge of CS or RD.
Interface Mode 1
Mode 1 is designed for applications where the micro-
processor is not forced into a WAIT state. Taking CS
and RD low latches the multiplexer address and starts
a conversion (Figure 6). Data from the previous conver-
sion is immediately read from the outputs (DB0–DB7).
INT goes high at the rising edge of CS or RD and goes
low at the end of the conversion. A second READ oper-
ation is required to read the result of this conversion.
The second READ latches a new multiplexer address
and starts another conversion. A delay of 2.5µs must
be allowed between READ operations. RDY goes low
on the falling edge of CS and goes high impedance at
the rising edge of CS. If RDY is not needed, its external
pull-up resistor can be omitted.
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
_______________________________________________________________________________________
7
500ns
VIN IS TRACKED
BY INTERNAL
COMPARATORS
VIN IS SAMPLED
AND THE FOUR MSBs
ARE LATCHED
SETUP TIME REQUIRED
BY THE INTERNAL
COMPARATORS PRIOR TO
STARTING CONVERSION
600ns
RD
INT GOING LOW
INDICATES THAT
CONVERSION IS
COMPLETE AND
THAT DATA CAN
BE READ
1000ns
Figure 4. Operating Sequence
DATA
DATA
VALID
ADDR
VALID
ADDR
VALID
INT
RDY
RD
ANALOG
CHANNEL
ADDRESS
CS
tAS
tAH
tRDY
tCRD
HIGH IMPEDANCE
tCSS
tCSS
tINTH
tDH
tACC2
tAS
tP
tCSH
Figure 5. Mode 0 Timing Diagram


Similar Part No. - MX7824KCAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7820BQ MAXIM-MX7820BQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820CQ MAXIM-MX7820CQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KCWP MAXIM-MX7820KCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KN MAXIM-MX7820KN Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820LCWP MAXIM-MX7820LCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
More results

Similar Description - MX7824KCAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
   High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
logo
Linear Technology
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com