Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA820MG-S08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TBA820MG-S08-T
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TBA820MG-S08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  TBA820MG-S08-T Datasheet HTML 1Page - Unisonic Technologies TBA820MG-S08-T Datasheet HTML 2Page - Unisonic Technologies TBA820MG-S08-T Datasheet HTML 3Page - Unisonic Technologies TBA820MG-S08-T Datasheet HTML 4Page - Unisonic Technologies TBA820MG-S08-T Datasheet HTML 5Page - Unisonic Technologies TBA820MG-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TBA820M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R107-008.D
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
16
V
Output Peak Current
IO(peak)
1.5
A
Power Dissipation
PD
1.25
W
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0
°C~70°C operating temperature range
and assured by design from –20
°C~85°C.
ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=9V, F=1KHz, RG=600Ω, RF=120Ω, RL=8Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Quiescent Current
IQ
VIN=0
4
12
mA
Output Power
POUT
Vcc=9V,RL=4Ω,THD=10%
1.6
W
Vcc=9V,RL=8Ω,THD=10%
0.9
1.2
Vcc=6V,RL=4Ω,THD=10%
0.75
Vcc=6V,RL=8Ω,THD=10%
0.4
0.5
Vcc=12V,RL=8Ω,THD=10%
2
Total Harmonic Distortion
THD
POUT=500mW
0.3
1
%
Open Loop Voltage Gain
Gvo
RF=0
75
dB
Closed Loop Voltage Gain
Gvc
RF=120Ω
33
36
39
dB
Input Resistance
RIN
5
MΩ
Output Noise Voltage
eN
RG=10kΩ, BW(-3dB)=50~20kHz
0.3
1
mV


Similar Part No. - TBA820MG-S08-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
   1.2W AUDIO AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
More results

Similar Description - TBA820MG-S08-T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com