Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030-TA5-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA2030-TA5-T
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030-TA5-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA2030-TA5-T Datasheet HTML 1Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 2Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 3Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 4Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 5Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030-TA5-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R107-004,D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vs
±18
V
Input Voltage
VIN
Vs
V
Differential Input Voltage
VI(DIFF)
±15
V
Peak Output Current(internally limited)
IOUT
3.5
A
Total Power Dissipation at Tc=90
°C
PD
20
W
Junction Temperature
TJ
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vs =±16V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vs
±6
±18
V
Quiescent Drain Current
IQ
40
60
mA
Input Bias Current
II(BIAS)
0.2
2
µA
Input Offset Voltage
VI(OFF)
±2
±20
MV
Input Offset Current
II(OFF)
Vs=±18v
±20
±200
NA
Power Bandwidth
BW
POUT=12W, RL=4Ω, Gv=30dB
10~140,000
Hz
RL=4Ω
12
14
W
d=0.5%, Gv=30dB
f=40Hz to 15KHz
RL=8Ω
8
9
W
RL=4Ω
18
W
Output Power
POUT
d=10%, Gv=30dB
f=1KHz
RL=8Ω
11
W
Open Loop Voltage Gain
Gvo
90
dB
Closed Loop Voltage Gain
Gvc
f=1kHz
29.5
30
30 .5
dB
POUT=0.1 to 12W, RL=4Ω
f=40Hz to 15KHz, Gv=30dB
0.2
0.5
%
Distortion
THD
POUT=0.1 to 8W, RL=8Ω
f=40Hz to 15KHz, Gv=30dB
0.1
0.5
%
Input Noise Voltage
eN
B= 22Hz to 22kHz
3
10
µV
Input Noise Current
iN
B= 22Hz to 22kHz
80
200
pA
Input Resistance(pin 1)
RIN
0.5
5
M
Supply Voltage Rejection
SVR
RL=4Ω, Gv=30dB
Rg=22k
Ω, fripple=100Hz,
Vripple=0.5Veff
40
50
dB
Thermal Shut-Down Junction
Temperature
TJ
145
°C


Similar Part No. - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2030-TA5-T HOTCHIP-TDA2030-TA5-T Datasheet
1Mb / 14P
   Very low extermal component required
More results

Similar Description - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com