Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1001ACN8 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXL1001ACN8
Description  Precision Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1001ACN8 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXL1001ACN8 Datasheet HTML 1Page - Maxim Integrated Products MXL1001ACN8 Datasheet HTML 2Page - Maxim Integrated Products MXL1001ACN8 Datasheet HTML 3Page - Maxim Integrated Products MXL1001ACN8 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Precision Operational Amplifier
_______________________________________________________________________________________
3
RL ≥ 2kΩ, VO = ±10V
VS = ±3V to ±18V
(Note 6)
VCM = ±13V
CONDITIONS
V/mV
300
700
AVO
Large-Signal Voltage Gain
dB
104
117
PSRR
Power-Supply Rejection Ratio
dB
110
122
CMRR
Common-Mode Rejection Ratio
V
±13
±14
IVR
Input Voltage Range
nA
±1.0
±4.0
IB
Input Bias Current
µV
30
60
VOS
Input Offset Voltage
µV/°C
0.2
0.6
TCVOS
Average Temperature Coefficient
of Input Offset Voltage
nA
0.8
4.0
IOS
Input Offset Current
UNITS
MXL1001AM
200
700
100
117
106
120
±13
±14
±1.5
±8.0
45
160
0.3
1.0
1.2
7.6
MXL1001M
MIN
TYP
MAX
SYMBOL
PARAMETER
MIN
TYP
MAX
ELECTRICAL CHARACTERISTICS
(VS = ±15V, -55°C ≤ TA ≤ +125°C, unless otherwise noted.)
Output Voltage Swing
VO
RL ≥ 2kΩ
±12.5 ±13.5
±12.5 ±13.5
V
Power Dissipation
PD
No load
55
90
60
100
mW
ELECTRICAL CHARACTERISTICS
(VS = ±15V, 0°C ≤ TA ≤ +70°C, unless otherwise noted.)
Output Voltage Swing
VO
RL ≥ 2kΩ
±12.5 ±13.8
±12.5 ±13.8
V
Power Dissipation
RL ≥ 2kΩ, VO = ±10V
PD
VS = ±3V to ±18V
No load
50
85
55
90
mW
(Note 6)
VCM = ±13V
CONDITIONS
V/mV
350
750
AVO
Large-Signal Voltage Gain
dB
106
120
PSRR
Power-Supply Rejection Ratio
dB
110
124
CMRR
Common-Mode Rejection Ratio
V
±13
±14
IVR
Input Voltage Range
nA
±0.7
±3.5
IB
Input Bias Current
µV
20
60
VOS
Input Offset Voltage
µV/°C
0.2
0.6
TCVOS
Average Temperature Coefficient
of Input Offset Voltage
nA
0.5
3.5
IOS
Input Offset Current
UNITS
MXL1001AC
250
750
103
120
106
123
±13
±14
±1.0
±5.5
30
110
0.3
1.0
0.6
5.3
MXL1001C
MIN
TYP
MAX
SYMBOL
PARAMETER
MIN
TYP
MAX
Note 6: MXL1001A grade offset voltage is measured one minute after application of power. For all other grades VOS is measured
0.5 seconds after power on.


Similar Part No. - MXL1001ACN8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007ACN8 MAXIM-MXL1007ACN8 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007AMH MAXIM-MXL1007AMH Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007AMJ8 MAXIM-MXL1007AMJ8 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007CN8 MAXIM-MXL1007CN8 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
More results

Similar Description - MXL1001ACN8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com