Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7377G-J15-D-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA7377G-J15-D-T
Description  30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377G-J15-D-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button TDA7377G-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 8Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 9Page - Unisonic Technologies TDA7377G-J15-D-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R107-064.C
TYPICAL TEST AND APPLICATION CIRCUIT (Cont.)
DIAGNOSTICS
1000μF
100nF
10μF
0.22μF
0.22μF
47μF
OUT R
OUT L
IN L
IN L
ST-BY
10K
VS
1
2
15
14
10
3
13
7
4
5
12
11
6
89
0.47μF
OUT
BRIDGE
IN BRIDGE
2200μF
2200μF
Figure 3. Stereo/Bridge


Similar Part No. - TDA7377G-J15-D-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377G-J15-D-T UTC-TDA7377G-J15-D-T Datasheet
311Kb / 8P
   2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7377G-J15-D-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
   2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
D7377 ETC-D7377 Datasheet
486Kb / 11P
   2×30W Dual/Quad Power Amplifier for Car Radio D7377
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7383 STMICROELECTRONICS-TDA7383 Datasheet
339Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
   30W BRIDGE CAR RADIO AMPLIFIER
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
   2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com