Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5017 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3A5017
Description  TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017 Datasheet(HTML) 3 Page - Texas Instruments

  TS3A5017_15 Datasheet HTML 1Page - Texas Instruments TS3A5017_15 Datasheet HTML 2Page - Texas Instruments TS3A5017_15 Datasheet HTML 3Page - Texas Instruments TS3A5017_15 Datasheet HTML 4Page - Texas Instruments TS3A5017_15 Datasheet HTML 5Page - Texas Instruments TS3A5017_15 Datasheet HTML 6Page - Texas Instruments TS3A5017_15 Datasheet HTML 7Page - Texas Instruments TS3A5017_15 Datasheet HTML 8Page - Texas Instruments TS3A5017_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1S
4
1S
3
1S
2
1S
1
IN1
2S
4
2S
3
2S
2
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
1EN
V+
1
16
Exposed
Center
Pad
2
3
4
5
6
IN2
1S4
1S3
1S2
1S1
1D
2EN
IN1
2S4
2S3
2S2
2S1
7
GND
2D
8
9
15
14
13
12
11
10
1
Logic
Control
Logic
Control
16
2
15
3
14
4
13
5
12
6
11
7
10
1EN
IN2
1S4
1S3
1S2
1S1
1D
GND
V+
2EN
IN1
2S4
2S3
2S2
2S1
2D
8
9
TS3A5017
www.ti.com
SCDS188E – JANUARY 2005 – REVISED APRIL 2015
5 Pin Configuration and Functions
D, DBQ, DGV, and PW Package
RGY Package
16-Pin SOIC, SSOP, TVSOP and TSSOP
16-Pin VQFN
(Top View)
(Top View)
If exposed center pad is used, it must be
connected as a secondary ground or left
electrically open.
RSV Package
16-Pin UQFN
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
SOIC, SSOP, TVSOP,
NAME
UQFN NO.
TSSOP, VQFN NO.
1D
7
5
I/O
Common path for switch 1
1EN
1
15
I
Active-low enable for switch 1
1S1
6
4
I/O
Switch 1 channel 1
1S2
5
3
I/O
Switch 1 channel 2
1S3
4
2
I/O
Switch 1 channel 3
1S4
3
1
I/O
Switch 1 channel 4
2D
9
7
I/O
Common path for switch 2
2EN
15
13
I
Active-low enable for switch 2
2S1
10
8
I/O
Switch 2 channel 1
2S2
11
9
I/O
Switch 2 channel 2
2S3
12
10
I/O
Switch 2 channel 3
2S4
13
11
I/O
Switch 2 channel 4
GND
8
6
Ground
IN1
14
12
I
Switch 1 input select
IN2
2
16
I
Switch 2 input select
V+
16
14
Supply voltage
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3A5017


Similar Part No. - TS3A5017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com