Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5018 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3A5018
Description  TS3A5018 10-廓 Quad SPDT Analog Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A5018_15 Datasheet HTML 2Page - Texas Instruments TS3A5018_15 Datasheet HTML 3Page - Texas Instruments TS3A5018_15 Datasheet HTML 4Page - Texas Instruments TS3A5018_15 Datasheet HTML 5Page - Texas Instruments TS3A5018_15 Datasheet HTML 6Page - Texas Instruments TS3A5018_15 Datasheet HTML 7Page - Texas Instruments TS3A5018_15 Datasheet HTML 8Page - Texas Instruments TS3A5018_15 Datasheet HTML 9Page - Texas Instruments TS3A5018_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TS3A5018
SCDS189G – JANUARY 2005 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics for 3.3-V Supply (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Digital input
CI
VI = V+ or GND,
See Figure 20
25°C
3.3 V
3
pF
capacitance
Switch ON,
BW
Bandwidth
RL = 50 Ω,
25°C
3.3 V
300
MHz
see Figure 22
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
3.3 V
–48
dB
f = 10 MHz,
see Figure 23
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
3.3 V
–48
dB
f = 10 MHz,
see Figure 24
RL = 50 Ω,
Switch ON,
XTALK(ADJ)
Crosstalk adjacent
25°C
3.3 V
–81
dB
f = 10 MHz,
see Figure 25
f = 20 Hz to 20
RL = 600 Ω,
THD
Total harmonic distortion
kHz,
25°C
3.3 V
0.21%
CL = 50 pF,
see Figure 27
25°C
2.5
7
I+
Positive supply current
VI = V+ or GND,
Switch ON or OFF
3.6 V
µA
Full
10
6.6 Electrical Characteristics for 2.5-V Supply
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
VCOM, VNC,
Analog signal range
0
V+
V
VNO
25°C
12
20
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
2.3 V
resistance
ICOM = –24 mA,
see Figure 17
Full
22
ON-state
25°C
0.3
1
VNC or VNO = 1.6 V,
Switch ON,
Δron
resistance match
2.3 V
ICOM = –24 mA,
see Figure 17
Full
2
between channels
ON-state
25°C
14
18
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron(flat)
resistance
2.3 V
ICOM = –24 mA,
see Figure 17
Full
20
flatness
VNC or VNO = 0.5 V,
25°C
–0.1
0.05
0.1
VCOM = 2.2 V,
Switch OFF,
or
2.7 V
see Figure 18
Full
–0.2
0.2
VNC or VNO = 2.2 V,
VCOM = 0.5 V,
INC(OFF),
NC, NO
µA
INO(OFF)
OFF leakage current
VNC or VNO = 0 to 3.6 V,
25°C
–2
0.05
2
VCOM = 3.6 V to 0,
Switch OFF,
or
0 V
see Figure 18
Full
–10
10
VNC or VNO = 3.6 V to 0,
VCOM = 0 to 3.6 V,
VCOM = 0.5 V,
25°C
–0.1
0.05
0.1
VNC or VNO = 2.2 V,
Switch OFF,
or
2.7 V
see Figure 18
Full
–0.2
0.2
VCOM = 2.2 V,
VNC or VNO = 0.5 V,
COM
ICOM(OFF)
µA
OFF leakage current
VCOM = 0 to 3.6 V,
25°C
–2
0.05
2
VNC or VNO = 3.6 V to 0,
Switch OFF,
or
0 V
see Figure 18
Full
–10
10
VCOM = 3.6 V to 0,
VNC or VNO = 0 to 3.6 V,
VNC or VNO = 0.5 V,
25°C
–0.1
0.05
0.1
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
2.7 V
µA
INO(ON)
see Figure 19
Full
–0.2
0.2
current
VNC or VNO = 2.2 V,
VCOM = Open,
VCOM = 0.5 V,
25°C
–0.1
0.05
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
ON leakage
or
2.7 V
µA
see Figure 19
Full
–0.2
0.2
current
VCOM = 2.2 V,
VNC or VNO = Open,
VIH
Input logic high
Full
1.7
V+
V
VIL
Input logic low
Full
0
0.7
V
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS3A5018


Similar Part No. - TS3A5018_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com