Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7847BQ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX7847BQ
Description  Complete, Dual, 12-Bit Multiplying DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7847BQ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX7847BQ Datasheet HTML 4Page - Maxim Integrated Products MX7847BQ Datasheet HTML 5Page - Maxim Integrated Products MX7847BQ Datasheet HTML 6Page - Maxim Integrated Products MX7847BQ Datasheet HTML 7Page - Maxim Integrated Products MX7847BQ Datasheet HTML 8Page - Maxim Integrated Products MX7847BQ Datasheet HTML 9Page - Maxim Integrated Products MX7847BQ Datasheet HTML 10Page - Maxim Integrated Products MX7847BQ Datasheet HTML 11Page - Maxim Integrated Products MX7847BQ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Complete, Dual, 12-Bit
Multiplying DACs
_______________________________________________________________________________________
9
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
WR
DB11
DGND
VREFB
VOUTB
AGNDB
VSS
VDD
AGNDA
VOUTA
VREFA
CSB
CSA
DIP/SO
TOP VIEW
MX7847
14
DAC LATCH A
DAC A
DAC LATCH B
DAC B
CONTROL
LOGIC
CSB
CSA
WR
DB11
DB0
VREFB
VREFA
VOUTA
AGNDA
VOUTB
AGNDB
DGND
VSS
VDD
MX7847
PART
TEMP. RANGE
PIN-PACKAGE
MX7837AN -40°C to +85°C
24 Narrow Plastic DIP
MX7837BN -40°C to +85°C
24 Narrow Plastic DIP
MX7837AR -40°C to +85°C
24 Wide SO
MX7837BR -40°C to +85°C
24 Wide SO
MX7837AQ -40°C to +85°C
24 Narrow CERDIP
ERROR
(LSB)
±1
±1/2
±1
±1/2
±1
MX7847BR -40°C to +85°C
24 Wide SO
±1/2
MX7847AQ -40°C to +85°C
24 Narrow CERDIP
±1
MX7847BQ -40°C to +85°C
24 Narrow CERDIP
±1/2
MX7847SQ -55°C to +125°C
24 Narrow CERDIP
±1
MX7847TQ -55°C to +125°C
24 Narrow CERDIP
±1/2
MX7837BQ -40°C to +85°C
24 Narrow CERDIP
±1/2
MX7837SQ
-55°C to +125°C
24 Narrow CERDIP
±1
MX7837TQ
-55°C to +125°C
24 Narrow CERDIP
±1/2
MX7847KN
0°C to +70°C
24 Narrow Plastic DIP
±1/2
MX7847JR
0°C to +70°C
24 Wide SO
±1
MX7847KR
0°C to +70°C
24 Wide SO
±1/2
MX7847JN
0°C to +70°C
24 Narrow Plastic DIP
±1
MX7847C/D
0°C to +70°C
Dice*
±1
MX7847AN -40°C to +85°C
24 Narrow Plastic DIP
±1
MX7847BN -40°C to +85°C
24 Narrow Plastic DIP
±1/2
MX7847AR -40°C to +85°C
24 Wide SO
±1
______Pin Configurations (continued)
Typical Operating Circuits (continued)
____Ordering Information (continued)


Similar Part No. - MX7847BQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7841AS MAXIM-MX7841AS Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7841BS MAXIM-MX7841BS Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
MX7845AEWG MAXIM-MX7845AEWG Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
MX7845AQ MAXIM-MX7845AQ Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
More results

Similar Description - MX7847BQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7545A MAXIM-MX7545A Datasheet
516Kb / 12P
   CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Maxim Integrated Produc...
MAX7645 MAXIM-MAX7645 Datasheet
519Kb / 12P
   CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD5428 AD-AD5428 Datasheet
795Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com