Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7828UQ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7828UQ
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828UQ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7828UQ Datasheet HTML 1Page - Maxim Integrated Products MX7828UQ Datasheet HTML 2Page - Maxim Integrated Products MX7828UQ Datasheet HTML 3Page - Maxim Integrated Products MX7828UQ Datasheet HTML 4Page - Maxim Integrated Products MX7828UQ Datasheet HTML 5Page - Maxim Integrated Products MX7828UQ Datasheet HTML 6Page - Maxim Integrated Products MX7828UQ Datasheet HTML 7Page - Maxim Integrated Products MX7828UQ Datasheet HTML 8Page - Maxim Integrated Products MX7828UQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to GND ........................................0V, +10V
Voltage at Any Other Pins......................GND - 0.3V, VDD + 0.3V
Output Current (REF OUT)..................................................30mA
Power Dissipation (any package) to +75°C ....................450mW
Derate above +25°C by ..............................................6mW/°C
Operating Temperature Ranges
MX7824, MX7828
KN/LN/KCW_/LCW_ ............................................0°C to +70°C
BQ/CQ .............................................................-40°C to +85°C
TQ/UQ............................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Input Capacitance (Note 4)
CIN
58
pF
Input Low Voltage
VINL
0.8
V
Input High Current
IINH
1
µA
Input Low Current
IINL
-1
µA
Analog Input Current
IAIN
±3
µA
Slew Rate, Tracking
SR
0.7
0.157
V/µs
Input High Voltage
VINH
2.4
V
Any channel, AIN = 0V to 5V
Output Noise
eN
200
µV/rms
Capacitive Load
0.01
µF
Analog Input Voltage Range
AINR
VREF-VREF+
V
Analog Input Capacitance
CAIN
45
pF
±1
MAX15_B, MX782_K/B/T
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Channel to Channel Mismatch
±1/4
LSB
No Missing Codes Resolution
8
Bits
Total Unadjusted Error (Note 1)
±1/2
LSB
Reference Resistance
14
k
VREF+ Input Voltage Range
VREF-VDD
V
VREF- Input Voltage Range
GND
VREF+
V
Resolution
8
Bits
Output Voltage
REF OUT
2.47
2.50
2.53
V
Load Regulation
-6
-10
mV
Power-Supply Sensitivity
±1
±3
mV
40
70
40
70
Temperature Drift (Note 3)
60
100
ppm/°C
CONDITIONS
TA = +25°C
IL = 0mA to 10mA, TA = +25°C
MAX15_A, MX782_L/C/U
VDD ±5%, TA = +25°C
MAX15_C
MAX15_E
MAX15_M
ACCURACY
REFERENCE INPUT
REFERENCE OUTPUT—MAX154/MAX158 Only (Note 2)
ANALOG INPUT
LOGIC INPUTS (
R
D
,
C
S
, A0, A1, A2)


Similar Part No. - MX7828UQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7820BQ MAXIM-MX7820BQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820CQ MAXIM-MX7820CQ Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KCWP MAXIM-MX7820KCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KN MAXIM-MX7820KN Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820LCWP MAXIM-MX7820LCWP Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
More results

Similar Description - MX7828UQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
   High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
logo
Linear Technology
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com