Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX7576JCWN Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX7576JCWN
Description  CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7576JCWN Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX7576JCWN Datasheet HTML 4Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 5Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 6Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 7Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 8Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 9Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 10Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 11Page - Maxim Integrated Products MX7576JCWN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
__________Applications Information
Noise
To minimize noise coupling, keep both the input signal
lead to AIN and the signal return lead from AGND as
short as possible. If this is not possible, a shielded
cable or a twisted-pair transmission line is recommend-
ed. Additionally, potential differences between the ADC
ground and the signal-source ground should be mini-
mized, since these voltage differences appear as
errors superimposed on the input signal. To minimize
system noise pickup, keep the driving source resis-
tance below 2k
Ω.
Proper Layout
For PC board layouts, take care to keep digital lines
well separated from any analog lines. Establish a sin-
gle-point, analog ground (separate from the digital sys-
tem ground) near the MX7575/MX7576. This analog
ground point should be connected to the digital system
ground through a single-track connection only. Any
supply or reference bypass capacitors, analog input fil-
ter capacitors, or input signal shielding should be
returned to the analog ground point.
__Functional Diagrams (continued)
CMOS, µP-Compatible, 5µs/10µs, 8-Bit ADCs
______________________________________________________________________________________
11
17
16
5
15
18
9
+5V
+5V
+5V
47
µF
47
µF
0.1
µF
R6
3.3k
R7
10k
R1
1k
R2
820
AGND DGND
R3
500
INPUT VOLTAGE
R5
5k
R4
8.2k
0.1
µF
TLC271
+5V
+
D7–D0
DATA OUT
CL
100pF
2%
RCLK
REF
AIN
CLK
VDD
MX7575
ICL8069
1.2V
REFERENCE
111...111
111...110
100...010
100...001
100...000
011...111
011...110
000...001
000...000
OUTPUT
CODE
-FS
2
-1/2LSB
1/2LSB
FS
2
2FS
256
-1LSB
FS = 2VREF
1LSB =
AIN
Figure 18a. MX7575 Bipolar Configuration
Figure 18b. Nominal Transfer Characteristic for Bipolar
Operation
DAC
COMP
LATCH AND
THREE-STATE
OUTPUT DRIVERS
SAR
CLOCK
OSCILLATOR
CONTROL
LOGIC
AIN
AGND
REF
CLK
CS
RD
VDD
BUSY
DGND
MODE
16
18
49
6
14
D7
D0
15
17
5
1
2
3
MX7576
..


Similar Part No. - MX7576JCWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7572 MAXIM-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572A MAXIM-MX7572A Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572B MAXIM-MX7572B Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572C MAXIM-MX7572C Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MX7572J MAXIM-MX7572J Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
More results

Similar Description - MX7576JCWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7548 MAXIM-MX7548 Datasheet
504Kb / 12P
   CMOS 8-Bit 關P Compatible 12-Bit DAC
19-827 1/89
logo
API Technologies Corp
HSADC85 APITECH-HSADC85 Datasheet
1Mb / 3P
   12-Bit, 10關S Hybrid ADC
logo
Semtech Corporation
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
AD7574 AD-AD7574 Datasheet
651Kb / 8P
   CMOS uP-COMPATIBLE 8-BIT DAC
REV. A
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Maxim Integrated Produc...
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
   CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
   CMOS 關P-Compatible 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com