Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM1291 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHM1291
Description  25-32GHz Single Side Band Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1291 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHM1291_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1291_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1291_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1291_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1291_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1291_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHM1291
Ref. : DSCHM12917166 - 15 Jun 07
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
25-32GHz Single Side Band Mixer
GaAs Monolithic Microwave IC
Description
The CHM1291 is a multifunction chip (MFC)
which integrates a LO buffer amplifier and a sub-
harmonically balanced diodes mixer for 2LO
suppression and image rejection. It is usable
both for up-conversion and down-conversion. It
is designed for a wide range of applications,
typically commercial communication systems for
broadband local access (LMDS). The backside
of the chip is both RF and DC grounded. This
helps simplify the assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performance : 25-32GHz
■ 11dB conversion Loss
■ 15dBc image rejection
■ +5dBm LO input power
■ +1dBm input power (1dB gain comp.)
■ Low DC power consumption, 55mA@3.5V
■ Chip size : 2.06 x 1.25 x 0.10mm
-44
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
32
1,5
1,7
1,9
2,1
2,3
2,5
IF Frequency (GHz)
CL sup ( dB )
CL inf ( dB )
Img Supp ( dBc )
P LO @ RF ( dBm )
P 2xLO @ RF ( dBm )
Main Characteristics
Tamb=+25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
25
32
GHz
FLO
LO frequency range
12
15.5
GHz
FIF
IF frequency range
0.1
3
GHz
Lc
Conversion Loss
11
15
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
Up-Conversion supradyne mode with external combiner
P LO=+5dBm F LO=14GHz


Similar Part No. - CHM1291_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1291 UMS-CHM1291 Datasheet
155Kb / 6P
   25-32GHz Single Side Band Mixer
More results

Similar Description - CHM1291_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1291 UMS-CHM1291 Datasheet
155Kb / 6P
   25-32GHz Single Side Band Mixer
CHR2294 UMS-CHR2294 Datasheet
137Kb / 6P
   25-35GHz Single Side Band Mixer Self biased
CHR2294 UMS-CHR2294_15 Datasheet
210Kb / 8P
   25-35GHz Single Side Band Mixer Self biased
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
MFC-P09828 UMS-MFC-P09828 Datasheet
128Kb / 6P
   55-65GHz Single Side Band Mixer
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
   71-86GHz Single Side Band Mixer
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
   55-65GHz Single Side Band Mixer
MFC-PO10892 UMS-MFC-PO10892 Datasheet
157Kb / 6P
   35-45GHz Single Side Band Mixer Self biased
CHM1294 UMS-CHM1294_15 Datasheet
124Kb / 6P
   35-45GHz Self biased Single Side Band Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com