Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1014I Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MXL1014I
Description  Dual/Quad Precision Op Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1014I Datasheet(HTML) 7 Page - Maxim Integrated Products

  MXL1014I Datasheet HTML 1Page - Maxim Integrated Products MXL1014I Datasheet HTML 2Page - Maxim Integrated Products MXL1014I Datasheet HTML 3Page - Maxim Integrated Products MXL1014I Datasheet HTML 4Page - Maxim Integrated Products MXL1014I Datasheet HTML 5Page - Maxim Integrated Products MXL1014I Datasheet HTML 6Page - Maxim Integrated Products MXL1014I Datasheet HTML 7Page - Maxim Integrated Products MXL1014I Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTA
INA-
INA+
V+
INB+
INB-
OUTB
OUTD
IND-
IND+
V-
INC+
INC-
OUTC
DIP
MXL1014
AD
BC
Dual/Quad Precision Op Amps
_______________________________________________________________________________________
7
PART
TEMP. RANGE
PIN-PACKAGE
MXL1014CN
0°C to +70°C
14 Plastic DIP
MXL1014DS
0°C to +70°C
16 Wide SO
MXL1014DN
0°C to +70°C
14 Plastic DIP
MXL1014IN
-40°C to +85°C
14 Plastic DIP
MXL1014IS
-40°C to +85°C
16 Wide SO
MXL1014AMJ
-55°C to +125°C
14 CERDIP**
MXL1014MJ
-55°C to +125°C
14 CERDIP**
_Ordering Information (continued)
_____Pin Configurations (continued)
___________________Chip Topography
**Contact factory for availability and processing to MIL-STD-883.
____________________________Typical Operating Characteristics (continued)
100mV
50mV
0v
TIME (20µs/div)
AV = +1
RL = 600Ω to GND
4V
2V
0v
TIME (10µs/div)
AV = +1
No load
4V
2V
0v
TIME (10µs/div)
AV = +1
RL = 4.7kΩ to 5V
SMALL-SIGNAL TRANSIENT
RESPONSE (VS = 5V, 0V)
LARGE-SIGNAL TRANSIENT
RESPONSE (VS = 5V, 0V)
LARGE-SIGNAL TRANSIENT
RESPONSE (VS = 5V, 0V)
0.099"
(2.514 mm)
OUTA
V+
OUTB
INA-
INA+
V-
INB-
INB+
0.085"
(2.16 mm)


Similar Part No. - MXL1014I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
More results

Similar Description - MXL1014I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com