Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP1102-98F Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHP1102-98F
Description  S-Band 6-bit Phase Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP1102-98F Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHP1102-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHP1102-98F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
S-Band 6-bit Phase Shifter
CHP1102-98F
Ref. : DSCHP11022305 - 31 Oct 12
7/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical S-parameter results (on wafer measurements)
Tamb.= +25°C, V+ = +5V, V- = -5V
Phase shifter performances: Amplitude variation
Amplitude variation versus frequency
(all states)
Amplitude variation versus state
2.7GHz < frequency < 3.4GHz
State (0 to 63)


Similar Part No. - CHP1102-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
More results

Similar Description - CHP1102-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP3010A98F UMS-CHP3010A98F_15 Datasheet
887Kb / 12P
   L-Band 6-Bit Digital Phase Shifter
CHP3015-99F UMS-CHP3015-99F_15 Datasheet
936Kb / 16P
   X-Band 6-Bit Digital Phase Shifter
CHP2085 UMS-CHP2085 Datasheet
89Kb / 6P
   S-band Phase Shifter / Switch
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
Tyco Electronics
MAPCGM0003 MACOM-MAPCGM0003 Datasheet
236Kb / 7P
   S-Band Phase Shifter 2.3-4.1 GHz
logo
United Monolithic Semic...
CHP4014-QEG UMS-CHP4014-QEG Datasheet
579Kb / 10P
   5-6GHz 6-bit Phase-Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com