Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1013M Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MXL1013M
Description  Dual/Quad Precision Op Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1013M Datasheet(HTML) 6 Page - Maxim Integrated Products

  MXL1013M Datasheet HTML 1Page - Maxim Integrated Products MXL1013M Datasheet HTML 2Page - Maxim Integrated Products MXL1013M Datasheet HTML 3Page - Maxim Integrated Products MXL1013M Datasheet HTML 4Page - Maxim Integrated Products MXL1013M Datasheet HTML 5Page - Maxim Integrated Products MXL1013M Datasheet HTML 6Page - Maxim Integrated Products MXL1013M Datasheet HTML 7Page - Maxim Integrated Products MXL1013M Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dual/Quad Precision Op Amps
6
______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
120
100
80
60
40
20
0
10
1k
10k
100k
1M
FREQUENCY (Hz)
100
VS = ±15V
VS = +5V,0V
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
VS = ±15V+1Vp-p SINE WAVE
1000
300
100
30
10
1
100
1k
FREQUENCY (Hz)
10
CURRENT NOISE
VS = ±2V TO ±18V
VOLTAGE NOISE
1/f CORNER 2Hz
460
420
380
340
300
260
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
VS = +5V, 0V
20
10
0
-10
0.1
3
10
FREQUENCY (MHz)
0.3
VCM =0V
CL = 100pF
1
±15V
PHASE
+5V, 0V
+5V, 0V
GAIN
80
100
120
140
160
180
200
±15V
140
120
100
80
60
40
20
0
-20
0.01 0.1
1
10
1k
10k 100k 1M
FREQUENCY (Hz)
100
10M
CL = 100pF
VS = ±15V
VS = +5V,0V
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
SUPPLY CURRENT
vs. TEMPERATURE
GAIN, PHASE vs. FREQUENCY
VOLTAGE GAIN vs. FREQUENCY
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
NOISE SPECTRUM
0.1Hz to 10Hz NOISE
SMALL-SIGNAL TRANSIENT
RESPONSE (VS = ±15V)
LARGE-SIGNAL TRANSIENT
RESPONSE (VS = ±15V)
(TA = +25°C, unless otherwise noted.)
06
10
TIME (sec)
2
48
TIME (2µs/div)
AV = +1
TIME (50µs/div)
AV = +1


Similar Part No. - MXL1013M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
More results

Similar Description - MXL1013M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com