Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ320UPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMZ320UPE
Description  30 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ320UPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMZ320UPE_15 Datasheet HTML 1Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 2Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 3Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 4Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 5Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 6Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 7Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 8Page - NXP Semiconductors PMZ320UPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMZ320UPE
30 V, P-channel Trench MOSFET
PMZ320UPE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
24 March 2015
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
3
1
2
Transparent
top view
DFN1006-3 (SOT883)
017aaa259
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMZ320UPE
DFN1006-3
DFN1006-3: leadless ultra small plastic package; 3 solder lands SOT883
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMZ320UPE
ZW


Similar Part No. - PMZ320UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
   30 V, P-channel Trench MOSFET
More results

Similar Description - PMZ320UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
   30 V, P-channel Trench MOSFET
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
   30 V, P-channel Trench MOSFET
26 January 2022
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
   30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
   30 V, P-channel Trench MOSFET
24 September 2019
logo
NXP Semiconductors
PMXB120EPE NXP-PMXB120EPE Datasheet
252Kb / 15P
   30 V, P-channel Trench MOSFET
24 September 2013
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
   30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
   30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
   30 V, P-channel Trench MOSFET
PMH850UPE NEXPERIA-PMH850UPE Datasheet
277Kb / 14P
   30 V, P-channel Trench MOSFET
6 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com