Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ350UPE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMZ350UPE
Description  20 V, P-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ350UPE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMZ350UPE_15 Datasheet HTML 2Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 3Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 4Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 5Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 6Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 7Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 8Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 9Page - NXP Semiconductors PMZ350UPE_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PMZ350UPE
20 V, P-channel Trench MOSFET
PMZ350UPE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
14 May 2014
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-20
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-0.45
-0.7
-0.95
V
VDS = -20 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
IDSS
drain leakage current
VDS = -20 V; VGS = 0 V; Tj = 150 °C
-
-
-10
µA
VGS = -8 V; VDS = 0 V; Tj = 25 °C
-
-
-10
µA
IGSS
gate leakage current
VGS = 8 V; VDS = 0 V; Tj = 25 °C
-
-
10
µA
VGS = -4.5 V; ID = -0.3 A; Tj = 25 °C
-
330
450
VGS = -4.5 V; ID = -0.3 A; Tj = 150 °C
-
478
645
VGS = -2.5 V; ID = -0.2 A; Tj = 25 °C
-
420
645
RDSon
drain-source on-state
resistance
VGS = -1.8 V; ID = -0.1 A; Tj = 25 °C
-
520
940
gfs
forward
transconductance
VDS = -10 V; ID = -0.3 A; Tj = 25 °C
-
1.4
-
S
Dynamic characteristics
QG(tot)
total gate charge
-
1.3
1.9
nC
QGS
gate-source charge
-
0.2
-
nC
QGD
gate-drain charge
VDS = -10 V; ID = -0.3 A; VGS = -4.5 V;
Tj = 25 °C
-
0.25
-
nC
Ciss
input capacitance
-
127
-
pF
Coss
output capacitance
-
34
-
pF
Crss
reverse transfer
capacitance
VDS = -10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
25
-
pF
td(on)
turn-on delay time
-
4
-
ns
tr
rise time
-
5
-
ns
td(off)
turn-off delay time
-
26
-
ns
tf
fall time
VDS = -10 V; ID = -0.3 A; VGS = -4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
9
-
ns
Source-drain diode
VSD
source-drain voltage
IS = -0.1 A; VGS = 0 V; Tj = 25 °C
-
-0.7
-1.2
V


Similar Part No. - PMZ350UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
More results

Similar Description - PMZ350UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com