Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMZ390UNE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMZ390UNE
Description  30 V, N-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZ390UNE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMZ390UNE_15 Datasheet HTML 5Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 9Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 10Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 11Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 12Page - NXP Semiconductors PMZ390UNE_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NXP Semiconductors
PMZ390UNE
30 V, N-channel Trench MOSFET
PMZ390UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
12 March 2015
9 / 14
QG (nC)
0.00
1.00
0.75
0.25
0.50
aaa-015995
2
3
1
4
5
VGS
(V)
0
ID = 0.8 A; VDS = 15 V; Tamb = 25 °C
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. MOSFET transistor: Gate charge waveform
definitions
VSD (V)
0.0
2.0
1.5
0.5
1.0
aaa-015996
2
1
3
4
IS
(A)
0
Tj = 25 °C
Tj = 150 °C
VGS = 0 V
Fig. 16. Source current as a function of source-drain voltage; typical values
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 17. Duty cycle definition


Similar Part No. - PMZ390UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ390UNE NEXPERIA-PMZ390UNE Datasheet
710Kb / 14P
   30 V, N-channel Trench MOSFET
More results

Similar Description - PMZ390UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com