Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6310UK42D2-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6310UK42D2-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6310UK42D2-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6310UK42D2-T Datasheet HTML 3Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 4Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 5Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 6Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 7Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 8Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 9Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 10Page - Maxim Integrated Products MAX6310UK42D2-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
_______________________________________________________________________________________
7
The ±25nA max input leakage current allows resistors on
the order of megohms. Choose the pull-up resistor in the
divider to minimize the error due to the input leakage cur-
rent. The error term in the calculated threshold is simply:
±25nA x R1
If you choose R1 to be 1M
Ω, the resulting error is
±25 x 10-9 x 1 x 106 = ±25mV.
Like the VCC voltage monitors on the MAX6306/MAX6307/
MAX6309/MAX6310/MAX6312/MAX6313, the RST IN_
inputs (when used with a voltage divider) are designed to
ignore fast voltage transients. Increase the noise immunity
by connecting a capacitor on the order of 0.1µF between
RST IN and GND (Figure 2). This creates a single-pole
lowpass filter with a corner frequency given by:
f = (1/2
π) / (R1 + R2)(R1 x R2 x C)
For example, if R1 = 1M
Ω and R2 = 1.6MΩ, adding a
0.1µF capacitor from RST IN_ to ground results in a
lowpass corner frequency of f = 2.59Hz. Note that
adding capacitance to RST IN slows the circuit’s overall
response time.
__________Applications Information
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6305/MAX6306/
MAX6307 is open drain, these devices interface easily
with µPs that have bidirectional reset pins, such as the
Motorola 68HC11. Connecting the µP supervisor’s
RESET output directly to the microcontroller’s RESET
pin with a single pull-up resistor allows either device to
assert reset (Figure 3).
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these devices
are relatively immune to short-duration, negative-going
VCC transients (glitches).
The
Typical Operating Characteristics show the
Maximum Transient Duration vs. VCC Reset Threshold
Overdrive, for which reset pulses are not generated.
The graph was produced using negative-going pulses,
starting at VTH max, and ending below the pro-
grammed reset threshold by the magnitude indicated
(reset threshold overdrive). The graph shows the maxi-
mum pulse width that a negative-going VCC transient
may typically have without causing a reset pulse to be
issued. As the amplitude of the transient increases (i.e.,
goes farther below the reset threshold), the maximum
allowable pulse width decreases.
RST IN_/OVRST IN are also immune to negative/positive-
going transients (see
Typical Operating Characteristics).
A 0.1µF bypass capacitor mounted close to the RST IN_,
OVRST IN, and/or the VCC pin provides additional tran-
sient immunity.
Ensuring a Valid
RESET/RESET
Output Down to VCC = 0V
When VCC falls below 1V, push/pull structured RESET/
RESET current sinking (or sourcing) capabilities
decrease drastically. High-impedance CMOS-logic
inputs connected to RESET can drift to undetermined
voltages. This presents no problem in most applica-
tions, since most µPs and other circuitry do not operate
with VCC below 1V. In those applications where RESET
must be valid down to 0V, adding a pull-down resistor
between RESET and ground sinks any stray leakage
Figure 2. Increasing Noise Immunity
MAX6305–
MAX6313
C*
VIN
R1
R2
RST IN_
GND
*FOR ADDITIONAL NOISE IMMUNITY
VCC
VTH =
(
)VRSTH
R1 + R2
R3
C =
(
)
R1 + R2
R1 x R2 x C
1
2
π
Figure 3. Interfacing to µPs with Bidirectional Reset I/O
MAX6305
MAX6306
MAX6307
RESET
GENERATOR
GND
GND
VCC
VCC
RESET
RESET
µP


Similar Part No. - MAX6310UK42D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6310UKD-T MAXIM-MAX6310UKD-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6310UK42D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com