Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL8002-25 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL8002-25
Description  TANDEM 64-TAP DIGITAL POTENTIOMETER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL8002-25 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL8002-25_15 Datasheet HTML 2Page - Texas Instruments TPL8002-25_15 Datasheet HTML 3Page - Texas Instruments TPL8002-25_15 Datasheet HTML 4Page - Texas Instruments TPL8002-25_15 Datasheet HTML 5Page - Texas Instruments TPL8002-25_15 Datasheet HTML 6Page - Texas Instruments TPL8002-25_15 Datasheet HTML 7Page - Texas Instruments TPL8002-25_15 Datasheet HTML 8Page - Texas Instruments TPL8002-25_15 Datasheet HTML 9Page - Texas Instruments TPL8002-25_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPL8002-25
SLIS133 – NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
Dual ±4-V Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VDD = 4 V, IIN = –18 mA
–1.8
V
Control inputs
IIN
VDD = 4 V, VIN = VDD or GND
±1
μA
IDD + | IEE |
VDD = 4 V, VEE = –4 V, VIN = VDD or GND, II/O = 0
100
μA
CIN
Control capacitance(1)
VDD = 4 V, VIN = VDD or GND
3.2
pF
CRG
RG capacitance(1)
VIN = 0 V, frequency = 10 MHz
45
pF
CRF
RF capacitance(1)
VIN = 0 V, frequency = 10 MHz
45
pF
CW
Wiper capacitance(1)
VIN = 0 V, frequency = 10 MHz
45
pF
R
End-to-end resistance
1.75
2.5
3.25
k
RW
Wiper resistance
420
INL
Integral nonlinearity
–0.3
0.3
dB
DNL
Differential nonlinearity
–0.3
0.3
dB
(1)
The AC method is a frequency domain measurement. A 10-MHz ac voltage signal of known dc offset and amplitude of 82.5 mV are
applied to the pin under test. The imaginary component of the complex current is measured and used in the equation:
C = Iim / (2 × π × F × VIN) where Iim = imaginary component of input current, VIN = magnitude of input voltage, and F = frequency.
SWITCHING CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPS
Contol to output step delay
100
ns
BW
Analog signal bandwidth
For a typical example, see Figure 2
8
MHz
(1)
Typical bandwidth shown in Figure 2 supports 6 MHz minimum.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPL8002-25


Similar Part No. - TPL8002-25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL8002-25PWR TI-TPL8002-25PWR Datasheet
144Kb / 10P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
More results

Similar Description - TPL8002-25_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
   100-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
   100-Tap Digital Potentiometer
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
ON Semiconductor
CAT5113VI-00 ONSEMI-CAT5113VI-00 Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Intersil Corporation
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com